Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # E39-R1
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 12Page - Omron Electronics LLC E39-R1 Datasheet HTML 13Page - Omron Electronics LLC E39-R1 Datasheet HTML 14Page - Omron Electronics LLC E39-R1 Datasheet HTML 15Page - Omron Electronics LLC E39-R1 Datasheet HTML 16Page - Omron Electronics LLC E39-R1 Datasheet HTML 17Page - Omron Electronics LLC E39-R1 Datasheet HTML 18Page - Omron Electronics LLC E39-R1 Datasheet HTML 19Page - Omron Electronics LLC E39-R1 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
E3S-A
16
Retro-reflective Sensors (Horizontal)
Pre-wired Sensors
Sensors with Connectors
9
29.2
1.2 10.7
3.1
7.2
5
20
30
10.5
7.2
16.9
28.9
Stainless
steel
(SUS304)
*The Mounting Bracket can be attached to side A.
Optical axis
Optical
axis
A*
Two, M3
× 12 screws
With Mounting Bracket Attached
E3S-AR11/21/31/41
42.3
15.2
2.3
7
5.5
(4) *2
12
12.4
11.5
Emitter
Receiver
8.8 dia.
21
1.3
12.8
20
20
*1. For E3S-AR21 and E3S-AR41 only.
*2. 9.7 mm for E3S-AR21 and E3S-AR41.
*3. The E3S-AR11 or E3S-AR31 has three conductors.
Lens (7
× 14)
Optical
axis
Two, M3
× 12 screws
Stability indicator (green)
Light indicator (red)
Operation mode
selector switch
Two, M3 holes
4-dia. vinyl-insulated
round cable
with 5 conductors
(Conductor cross
section: 0.2 mm2,
Insulator diameter:
1.1 mm),
Standard length:
2 m *3
Sensitivity adjuster (white)
Timer adjuster/
Turbo switch (black) *1
Turn to adjust the timer:
push to switch turbo function
Mounting Holes
9
29.2
1.2 10.7
3.1
7.2
5
5.5
20
30
7.2
16.9
28.9
Stainless
steel
(SUS304)
*The Mounting Bracket can be attached to side A.
Optical axis
Optical
axis
A*
Two, M3
× 12 screws
With Mounting Bracket Attached
E3S-AR16/36
Connector M12
42.3
(10)
15.2
2.3
7
12
12.4
1.3
12.8
20
11.5
21
20
Emitter
Receiver
Lens (7
× 14)
Optical
axis
Two, M3
× 12 screws
Stability indicator (green)
Light indicator (red)
Operation
mode
selector switch
Two, M3 holes
Sensitivity adjuster (white)
Mounting Holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com