Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # E39-R1
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 13Page - Omron Electronics LLC E39-R1 Datasheet HTML 14Page - Omron Electronics LLC E39-R1 Datasheet HTML 15Page - Omron Electronics LLC E39-R1 Datasheet HTML 16Page - Omron Electronics LLC E39-R1 Datasheet HTML 17Page - Omron Electronics LLC E39-R1 Datasheet HTML 18Page - Omron Electronics LLC E39-R1 Datasheet HTML 19Page - Omron Electronics LLC E39-R1 Datasheet HTML 20Page - Omron Electronics LLC E39-R1 Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
E3S-A
Diffuse-reflective Sensors (Vertical)
Pre-wired Sensors
Sensors with Connectors
29.2
1.2 10.7
10.5
20
3.1
20
20
47.2
5.5 5.4
7.2
16.9
28.9
4.8
Stainless
steel
(SUS304)
*The Mounting Bracket can be attached to side A.
Optical axis
Optical
axis
A*
Two, M3
× 12 screws
With Mounting Bracket Attached
E3S-AD61/62/63/71/72/73
-AD81/82/83/91/92/93
5.5
7
3.6
21
1.3
10.5
20
40
17
(4)
8.8 dia.
12
12.4
20
Emitter
Receiver
*1. E3S-AD61, E3S-AD62, E3S-AD63, E3S-AD81, E3S-AD82, and E3S-AD83 have
three conductors.
*2. Timer adjuster: Not available on E3S-AD61, E3S-AD62, E3S-AD63, E3S-AD81,
E3S-AD82 and E3S-AD83.
Turbo switch: Available on E3S-AD71 and E3S-AD91 only.
Lens (7
× 14)
Optical axis
Two, M3
× 12 screws
Stability indicator
(green)
Light indicator (red)
Operation mode
selector
Two, M3 holes
4-dia. vinyl-insulated
round cable
with 4 conductors
(Conductor cross
section: 0.2 mm2,
Insulator diameter:
1.1 mm),
Standard length:
2 m *1
Sensitivity
adjuster
(white)
Timer adjuster/
Turbo switch (black) *2
Turn to adjust the timer:
push to switch turbo function
Mounting Holes
E3S-AD66/67/68/86/87/88
29.2
1.2 10.7
10.5
20
3.1
20
41.7
5.4
7.2
19.4
31.4
4.8
Use these
two holes
for
mounting.
Stainless steel
(SUS304)
*The Mounting Bracket can be attached to side A.
Optical axis
Optical
axis
A*
Two, M3
× 12 screws
E39-L60 Close Mounting Plate (provided)
(Attach the mounting plate or the
plug cannot be connected.)
With Mounting Bracket Attached
7
3.6
21
1.3
10.5
20
40
17
(10)
12
20
Receiver
Lens (7
× 14)
Optical axis
Two, M3
× 12 screws
Stability indicator
(green)
Light indicator (red)
Operation
mode
selector switch
Two, M3 holes
Sensitivity
adjuster
(white)
Emitter
Connector
M12
Mounting Holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com