Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9SX-BC202-R_ Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G9SX-BC202-R_
Description  Hall Coded Non-contact Safety Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SX-BC202-R_ Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button G9SX-BC202-R_ Datasheet HTML 5Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 6Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 7Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 8Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 9Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 10Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 11Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 12Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
F3S-TGR-N
@C
9
Wiring examples (Single head connection up to category 4 acc. EN954-1)
G9SB
Single Sensor Application with G9SB-2002-C
(up to Safety PLe acc. EN ISO 13849-1)
Series connection Application, up to 20 Sensors with G9SB-2002-C
(up to Safety PLd acc. EN ISO 13849-1)
Sensor
Actuator
+24 V
GND
A1
A2
T11
T12
T21
T22
T31
T32
KM1
KM2
Start
Feed-
back-
loop
13
14
+Us
GND
red
blue
white
black
yellow
green
M
KM1
KM2
brown
orange
G9SB-2002-C
KM1
KM2
23
24
Auxiliary (NO)
F3S-TGR-N_C
Sensor
Actuator
+24 V
GND
A1
A2
T11
T12
T21
T22
T31
T32
KM1
KM2
Start
Feed-
back-
loop
13
14
M
KM1
KM2
+Us
GND
G9SB-2002-C
KM1
KM2
23
24
F3S-TGR-N_C
red
blue
white
black
yellow
green
brown
orange
red
blue
white
black
yellow
green
brown
orange
red
blue
white
black
yellow
green
brown
orange
Auxiliary (NO)
Auxiliary (NO)
Auxiliary (NO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com