Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9SX-BC202-R_ Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G9SX-BC202-R_
Description  Hall Coded Non-contact Safety Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SX-BC202-R_ Datasheet(HTML) 1 Page - Omron Electronics LLC

  G9SX-BC202-R_ Datasheet HTML 1Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 2Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 3Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 4Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 5Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 6Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 7Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 8Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Hall Coded Non-contact Safety Switches
F3S-TGR-N
@C
Hall coded non-contact switches monitor the status of guarding doors.
Stainless steel housing for high hygiene demands in the food industry are available.
• Based on hall technology
• Connect up to 20 switches in series
• LED supports easy diagnosis
• Operates with all OMRON safety controllers
• Operates behind stainless steel fittings
• Non-contact – no abrasion – no particles
• Compensation of mechanical tolerances
• Suitable for high pressure cleaning, CIP/SIP
processes due IP69K (pre-wired types)
• Conforms to safety categories up PLe acc.
EN ISO13849-1
Model Number Structure
1. Type
L:
Elongated Sensor
S:
Small Sensor
M:
Miniature Sensor
B:
Barell Sensor
2. Housing Material
P:
Plastic Housing
M:
Stainless Steel Housing
H:
Hygienic designed Stainless Steel Housing
F:
Special Food Type Stainless Steel Housing
3. Cable Length/connection
05:
5 m Cable
05-R*:
5 m Cable exit to the right
10:
10 m Cable
10-R*:
10 m Cable, exit to the right
M1J8:
M12 male connector, 8 pin, fitted with 250 mm cable
M1J8-R*: M12 male connector, 8 pin, fitted with 250 mm cable
exit to the right
* only for F3S-TGR-NMPC and F3S-TGR-NMHC
F3S-TGR-N
@@C-21-@@
12
3


Similar Part No. - G9SX-BC202-R_

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SX-BC202-RC OMRON-G9SX-BC202-RC Datasheet
1Mb / 98P
Safety Light Curtain Type 4
March 2010
G9SX-BC202-RT OMRON-G9SX-BC202-RT Datasheet
1Mb / 98P
Safety Light Curtain Type 4
March 2010
G9SX-BC202-R_ OMRON-G9SX-BC202-R_ Datasheet
532Kb / 12P
Compact Magnetic Non-contact Safety Switches
More results

Similar Description - G9SX-BC202-R_

ManufacturerPart #DatasheetDescription
logo
SICK AG
STR1-SAFF0AC5 SICK-STR1-SAFF0AC5 Datasheet
482Kb / 9P
NON-CONTACT SAFETY SWITCHES
STR1-SAFF10P5 SICK-STR1-SAFF10P5 Datasheet
398Kb / 7P
NON-CONTACT SAFETY SWITCHES
STR1-SAMF0AC5 SICK-STR1-SAMF0AC5 Datasheet
462Kb / 9P
NON-CONTACT SAFETY SWITCHES
STR1-SAMM10P5 SICK-STR1-SAMM10P5 Datasheet
377Kb / 7P
NON-CONTACT SAFETY SWITCHES
STR1-SASM0AC5 SICK-STR1-SASM0AC5 Datasheet
480Kb / 9P
NON-CONTACT SAFETY SWITCHES
TR4-SBM02C SICK-TR4-SBM02C Datasheet
522Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SBU01C SICK-TR4-SBU01C Datasheet
522Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SEM01C SICK-TR4-SEM01C Datasheet
436Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SEM03P SICK-TR4-SEM03P Datasheet
351Kb / 6P
NON-CONTACT SAFETY SWITCHES
TR4-SEM10P SICK-TR4-SEM10P Datasheet
351Kb / 6P
NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com