Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9SX-BC202-R_ Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G9SX-BC202-R_
Description  Hall Coded Non-contact Safety Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SX-BC202-R_ Datasheet(HTML) 2 Page - Omron Electronics LLC

  G9SX-BC202-R_ Datasheet HTML 1Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 2Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 3Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 4Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 5Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 6Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 7Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 8Page - Omron Electronics LLC G9SX-BC202-R_ Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
F3S-TGR-N
@C
2
Ordering Information
Polyester Housing
Stainless steel housing
Hygienic and food types
Type
Cable connection
Contact configuration
Order code
Elongated Sensors
5 m pre-wired
2NC/1NO
F3S-TGR-NLPC-21-05
10 m pre-wired
F3S-TGR-NLPC-21-10
M12, 8 pin, fitted with 250 mm cable
F3S-TGR-NLPC-21-M1J8
Small Sensors
5 m pre-wired
F3S-TGR-NSPC-21-05
10 m pre-wired
F3S-TGR-NSPC-21-10
M12, 8 pin, fitted with 250 mm cable
F3S-TGR-NSPC-21-M1J8
Miniature Sensors
5m pre-wired
F3S-TGR-NMPC-21-05
10 m pre-wired
F3S-TGR-NMPC-21-10
M12, 8 pin, fitted with 250 mm cable
F3S-TGR-NMPC-21-M1J8
5 m pre-wired, cable exit right
F3S-TGR-NMPC-21-05-R
10 m pre-wired, cable exit right
F3S-TGR-NMPC-21-10-R
M12, 8 pin, fitted with 250 mm cable exit right
F3S-TGR-NMPC-21-M1J8-R
Barrel Sensors
5 m pre-wired
F3S-TGR-NBPC-21-05
10 m pre-wired
F3S-TGR-NBPC-21-10
M12, 8 pin, fitted with 250 mm cable
F3S-TGR-NBPC-21-M1J8
Type
Cable connection
Contact configuration
Order code
Elongated Sensors
5 m pre-wired
2NC/1NO
F3S-TGR-NLMC-21-05
10 m pre-wired
F3S-TGR-NLMC-21-10
M12, 8 pin, fitted with 250 mm cable
F3S-TGR-NLMC-21-M1J8
Small Sensors
5 m pre-wired
F3S-TGR-NSMC-21-05
10 m pre-wired
F3S-TGR-NSMC-21-10
M12, 8 pin, fitted with 250 mm cable
F3S-TGR-NSMC-21-M1J8
Barrel Sensors
5 m pre-wired
F3S-TGR-NBMC-21-05
10 m pre-wired
F3S-TGR-NBMC-21-10
M12, 8 pin, fitted with 250 mm cable
F3S-TGR-NBMC-21-M1J8
Type
Cable connection
Contact configuration
Order code
Small Sensors
5 m pre-wired
2NC/1NO
F3S-TGR-NSHC-21-05
10 m pre-wired
F3S-TGR-NSHC-21-10
M12, 8 pin, fitted with 250 mm cable
F3S-TGR-NSHC-21-M1J8
Small Sensors
(Special food types)
5m pre-wired
F3S-TGR-NSFC-21-05
10 m pre-wired
F3S-TGR-NSFC-21-10
M12, 8 pin, fitted with 250 mm cable
F3S-TGR-NSFC-21-M1J8
Miniature Sensors
5m pre-wired
F3S-TGR-NMHC-21-05
10 m pre-wired
F3S-TGR-NMHC-21-10
M12, 8 pin, fitted with 250 mm cable
F3S-TGR-NMHC-21-M1J8
5 m pre-wired, cable exit right
F3S-TGR-NMHC-21-05-R
10 m pre-wired, cable exit right
F3S-TGR-NMHC-21-10-R
M12, 8 pin, fitted with 250 mm cable exit right
F3S-TGR-NMHC-21-M1J8-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com