Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Compact Magnetic Non-contact Safety Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 3Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 4Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 5Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 6Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 7Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 8Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 9Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 10Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
F3S-TGR-N
@C
Wiring examples (Single head connection up to category 4 acc. EN954-1)
G9SA
Single Sensor Application with G9SA-301
(up to Safety Category 4 acc. EN954-1)
Series connection Application, up to 6 Sensors with G9SA-301
(up to Safety Category 3 acc. EN954-1)
+24V
GND
A1
A2
T11
T12
T21
T22
T31
T32
KM1
KM2
Start
Feed-
back-
loop
13
14
33
34
+Us
GND
red
blue
white
black
yellow
green
F3S-TGR-NxxC
Sensor
Magnetic
Actuator
KM1
KM2
M
KM1
KM2
G9SA-301
brown
orange
NO
contact
F3S-TGR-NxxC
Sensor
Magnetic
Actuator
F3S-TGR-NxxC
Sensor
Magnetic
Actuator
+24V
GND
A1
A2
T11
T12
T21
T22
T31
T32
KM1
KM2
Start
Feed-
back-
loop
13
14
red
blue
white
black
yellow
green
M
KM1
KM2
G9SA-301
red
blue
white
black
yellow
green
red
blue
white
black
yellow
green
+Us
GND
KM1
KM2
33
34
F3S-TGR-NxxC
Sensor
Magnetic
Actuator
E14E-EN-02+F3S-TGR-N_C+CodedTyp+Datasheet.fm Seite 7 Montag, 25. August 2008 10:56 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com