Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Compact Magnetic Non-contact Safety Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  F39-TGR-CVL-B-2-R Datasheet HTML 1Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 2Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 3Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 4Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 5Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 6Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 7Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 8Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Safety Sensors / Components
Specifications
Mechanical Data
Electrical Data
Approved Standards
• EN standards certified by TÜV Rheinland
• EN 954-1
• EN 60204-1
• EN/IEC 60947-5-3
• UL 508, CSA C22.2
• BS 5304
• EN 1088-1 conformance
Elongated Sensor
Small Sensor
Miniature Sensor
Operating distance
OFF
ON (Sao)
12mm Close
8mm Close
ON
OFF (Sar)
17mm Open
12mm Open
Actuator approach
speed
Min.
4mm/s
Max.
1000mm/s
Switching frequency
1Hz
Operating temperature
-25°C…+80°C
-25°C…+105°C
-25°C…+80°C
Enclosure protection
Flying lead
M12 connector
IP67
Material
Black Polycarbonate
Stainless Steel 316
Black Polyester
Mounting bolts
2 x M4 recommended
Tightening torque
1Nm
0,8Nm
Mounting position
any
Mechanical life
expectancy
10.000.000 cycles
Electrical life
expectancy
1.000.000 cycles
De-rating Safety
factor 2
2.000.000 cycles @ 24VDC/100mA
Cable diameter
and material
6mm PVC
Elongated Sensor
Small sensor
Miniature Sensor
Power supply
24VDC ±15%
Power consumption
Max.
50mA
Switching current
Min.
10mA @ 10VDC
Rated loads
NC contacts
NO contacts
100mA @ 24VDC
100mA @ 24VDC
Insulation resistance
100M
Ω
Rated insulation
voltage
250VAC
Output type
electronic output (potential-free optocoupler output)
E14E-EN-02+F3S-TGR-N_C+CodedTyp+Datasheet.fm Seite 4 Montag, 25. August 2008 10:56 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com