Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Compact Magnetic Non-contact Safety Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  F39-TGR-CVL-B-2-R Datasheet HTML 1Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 2Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 3Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 4Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 5Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 6Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 7Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 8Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
F3S-TGR-N
@C
Compact Magnetic Non-contact Safety Switches
F3S-TGR-N
@C
Magnetic Coded Non-contact
switches are designed to inter-
lock hinge, sliding or removal
guard doors. All coded Non-con-
tact switches have a LED for
easy diagnosis.
• Coded actuator for applications requiring
anti tamper switches
• Non-contact = no abrasion =
no particles
• Excellent coverage of mechanical
tolerances
• Can operate behind stainless steel fittings
• Screw-hole covers support hygienic
design (NMPC)
• Conforms to safety categories up to
4 acc. EN 954-1 and PDF-M acc.
EN60947-5-3.
Model Number Structure
1. Type
L:
Elongated Sensor
S:
Small Sensor for NLPC and NSMC
M:
Miniature Sensor
2. Housing Material
P:
Plastic Housing
M:
Stainless Steel Housing
3: Contact configuration
20:
2 Normally Closed Contacts (NC)
21:
2 Normally Closed Contacts (NC) +
1 Normally Open Contact (NO)
4: Cable Length/connection
02:
2m Cable
05:
5m Cable
10:
10m Cable
M1J8: M12 male connector, 8pin
4: Cable Length/connection for NMPC
02:
2m Cable, cable exit to the left
05:
5m Cable, cable exit to the left
10:
10m Cable, cable exit to the left
M1J8: M12 male connector, 8-pin, cable exit to the left
F3S-TGR-N
@@C-@@-@@
12
3
4
E14E-EN-02+F3S-TGR-N_C+CodedTyp+Datasheet.fm Seite 1 Montag, 25. August 2008 10:56 10


Similar Part No. - F39-TGR-CVL-B-2-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
F39-TGR-CVL-B-2-R OMRON-F39-TGR-CVL-B-2-R Datasheet
1Mb / 98P
Safety Light Curtain Type 4
March 2010
More results

Similar Description - F39-TGR-CVL-B-2-R

ManufacturerPart #DatasheetDescription
logo
SICK AG
STR1-SAFF0AC5 SICK-STR1-SAFF0AC5 Datasheet
482Kb / 9P
NON-CONTACT SAFETY SWITCHES
STR1-SAFF10P5 SICK-STR1-SAFF10P5 Datasheet
398Kb / 7P
NON-CONTACT SAFETY SWITCHES
STR1-SAMF0AC5 SICK-STR1-SAMF0AC5 Datasheet
462Kb / 9P
NON-CONTACT SAFETY SWITCHES
STR1-SAMM10P5 SICK-STR1-SAMM10P5 Datasheet
377Kb / 7P
NON-CONTACT SAFETY SWITCHES
STR1-SASM0AC5 SICK-STR1-SASM0AC5 Datasheet
480Kb / 9P
NON-CONTACT SAFETY SWITCHES
TR4-SBM02C SICK-TR4-SBM02C Datasheet
522Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SBU01C SICK-TR4-SBU01C Datasheet
522Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SEM01C SICK-TR4-SEM01C Datasheet
436Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SEM03P SICK-TR4-SEM03P Datasheet
351Kb / 6P
NON-CONTACT SAFETY SWITCHES
TR4-SEM10P SICK-TR4-SEM10P Datasheet
351Kb / 6P
NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com