Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-002 Datasheet(PDF) 88 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-002
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-002 Datasheet(HTML) 88 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-002 Datasheet HTML 84Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 85Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 86Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 87Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 88Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 89Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 90Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 91Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 92Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 138 page
background image
E5CC-T
88
External Connections
E5CC-T
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less.
If the cable length exceeds 30 m, compliance with EMC standards will not be possible.
4. Connect M3 crimped terminals.
5. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring).
Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring
(internal wiring).
Isolation/Insulation Block Diagrams
Models with 3 Auxiliary Outputs
17
18
12
15
16
1
2
13
14
3
11
4
6
7
8
9
10
5
6
4
5
6
5
6
Pt
+
−
mA
−
+
5
4
(5) Sensor (Temperature/Analog) Input
V
− 5
V
6
+
4
TC
4
I
(no polarity)
11
12
(3) Input Power Supply
11
12
100 to 240 VAC
24 VAC/DC
(2) Auxiliary Outputs
Auxiliary outputs 1, 2, and 3
7
8
9
10
Auxiliary output 2
Auxiliary output 3
Auxiliary output 1
+
+
−
16
17
18
13
16
17
18
13
14
15
18
13
14
15
16
17
18
16
17
005
Event inputs 1 to 4
004
Communications (RS-485)
and event inputs 3 and 4
13
006
Event inputs 1 and 2, and
transfer output
(6) Options
001
Event inputs 1 and 2,
and CT1
V
I
003
Communications
(RS-485), CT1, and CT2
14
15
14
15
EV1
EV2
EV1
EV2
EV3
EV4
EV3
EV4
B(+)
A(
−)
RS-485
B(+)
A(
−)
RS-485
CT2
COM
CT1
+
−
3
1
2
3
1
2
−
Models with
1 Relay
Output
3
+ Q
1
+
2
−
3
(1) Control outputs 1, 2
Q
1
2
Models with 1
Voltage Output
(for Driving SSR)
+
RX
QX
CX
QQ
C
Q
R
OUT1
OUT1
OUT1
OUT1
OUT2
A
B
B
Voltage output
(for driving SSR)
12 VDC, 21 mA
Relay output
250 VAC: 2 A
(resistive load)
3
+
1
+
2
-
OUT1
C
OUT2
Q
CQ
E5CC
M
13
14
15
16
17
18
EV1
EV2
CT1
(
−)
(
−)
(
−)
(
−)
(
−)
Transfer output
Control output 2
Auxiliary outputs
3
5
(1)
(2) (3) (4) (5)
(6)
Terminal type
The E5CC-T is set for a K-type thermocouple (input
type = 5) by default. An input error (
s.err) will occur
if the input type setting does not agree with the
temperature sensor. Check the input type.
Relay output
250 VAC, 3 A
(resistive load)
Voltage output
(for driving SSR)
12 VDC, 21 mA
Linear current output
0 to 20 mA DC
4 to 20 mA DC
Load: 500
Ω max.
Control output 1
Models with 1
Linear Current
Output
Models with 2
Voltage Outputs
(for Driving SSR)
Models with 2 Outputs:
Linear Current Output
and Voltage (for Driving SSR)
T
Models with 3 auxiliary outputs:
Use no-voltage inputs for the event inputs.
The polarity for non-contact inputs is given in parentheses.
Sensor input and CT inputs
Communications and event inputs
Voltage output (for driving SSR),
linear current output, and transfer output
Relay output
Auxiliary outputs 1, 2, 3
: Reinforced insulation
: Functional isolation
Power
supply
Note: Auxiliary outputs 1 to 3 are not insulated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com