Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-002 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-002
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-002 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-002 Datasheet HTML 7Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 8Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 9Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 10Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 11Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 12Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 13Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 14Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 138 page
background image
E5GC
11
External Connections
E5GC
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less.
If the cable length exceeds 30 m, compliance with EMC standards will not be possible.
4. Connect M3 crimped terminals.
5. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring).
Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring
(internal wiring).
Isolation/Insulation Block Diagrams
Note: Auxiliary outputs 1 to 2 are not insulated.
E5GC-
@@@@@M-@@@
(1) (2)(3)(4)(5)
(6)
Linear current output
0 to 20 mA DC
4 to 20 mA DC
Load: 500
Ω max.
Voltage output (for driving SSR)
12 VDC, 21 mA
Relay output
250 VAC, 2 A
(resistive load)
250 VAC, 2 A
(resistive load)
Relay outputs
Control Outputs
Auxiliary outputs 1, 2
↑
Terminal type
The E5GC is set for a K-type thermocouple (input type = 5) by
default. An input error (
s.err) wil occur if the input type setting
does not agree with the temperature sensor. Check the input type.
CT
78
9
EV2
EV1
024
Event inputs 1 and 2
789
015
Communications
(RS-485)
RS-485
B(+)
A(
−)
789
EV1
016
Event input 1
789
023
CT input
12
100 to 240 VAC
12
24 VAC/DC
(no polarity)
34
RX
Relay output
RQ
C
34
QX
Voltage output (for driving SSR)
34
CX
Linear current output
10 11 12
V
V
+
+
−
+
−
+−
+−
−
10 11 12
mA
I
10 11 12
TC
10 11 12
Pt
B
A
B
78
9
10
11 12
123456
(6) Options
(3) Input Power Supply
(1) Control Outputs
9
56
Auxiliary
output 1
Auxiliary
output 2
(2) Auxiliary Outputs
56
Auxiliary
output 1
Auxiliary
output 1
Auxiliary outputs 1, 2
(5) Sensor (Temperature/Analog) Input
(
−)
(
−)
Use no-voltage inputs for the event inputs.
The polarity for non-contact inputs is given in parentheses.
Sensor input and CT input
Communications and event inputs
Voltage output (for driving SSR) and linear current output
Relay output
Auxiliary outputs 1 and 2
: Reinforced insulation
: Functional isolation
Power
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com