Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-002 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-002
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-002 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5DC-RX2ASM-002 Datasheet HTML 1Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 2Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 3Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 4Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 5Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 6Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 7Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 8Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 138 page
background image
2
Digital Temperature Controller
E5GC
(48
× 24 mm)
Easy Operation and High Performance of
the E5
@C Series in a Compact 48 × 24-
mm Body
• A compact body of 48
× 24 × 90 mm (W × H × D) that is ideal for
small equipment, laboratory instruments, and others.
• White PV display with a height of 10.5 mm for high visibility even
with the compact body.
• Removable terminal block to simplify maintenance. Select from
screw terminal blocks or screwless clamp terminal blocks for the
wiring method.
• High-speed sampling at 50 ms.
• Easy connections to a PLC with programless communications.
• Set up the Controller without wiring the power supply by
connecting to the computer with a Communications Conversion
Cable (sold separately). Setup is easy with the CX-Thermo (sold
separately).
Main I/O Functions
*
48
× 24 mm
Models with Screw
Terminal Blocks
E5GC-
@6
Refer to Safety Precautions on 122.
Refer to your OMRON website for the most recent
information on applicable safety standards.
48
× 24 mm
Models with Screwless
Clamp Terminal Blocks
E5GC-
@C
* CSA conformance
evaluation by UL.
Event Inputs
• None
• 1
Control Output 1
• Relay output
• Voltage output (for driving SSR)
• Linear current output
Auxiliary Outputs
• None
• 1
Dual displays: PV/SV
4-digit displays
• PF (shift) Key
• Temperature status display
• Simple programming
• Changed parameter display
• Display brightness setting
Serial Communications
• None
• RS-485
E5GC
• Independent heating and
cooling PID control
• 2
• 2
• Work Bit Message
• Simple transfer output (only on
models with liner current outputs)
Sensor Input
Indication Accuracy
• Thermocouple input:
±0.3% of PV
• Pt input: ±0.2% of PV
• Analog input: ±0.2% of FS
Sampling Period
• 50 ms
Universal input
• Thermocouple
• Pt
• Analog current/voltage
This datasheet is provided as a guideline for selecting products.
Be sure to refer to the following manuals for application precautions and other information required for operation before attempting
to use the product.
E5
@C Digital Temperature Controllers User’s Manual (Cat. No. H174)
E5
@C Digital Temperature Controllers Communications Manual (Cat. No. H175)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com