Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-002 Datasheet(PDF) 116 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-002
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-002 Datasheet(HTML) 116 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-002 Datasheet HTML 112Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 113Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 114Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 115Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 116Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 117Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 118Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 119Page - Omron Electronics LLC E5DC-RX2ASM-002 Datasheet HTML 120Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 138 page
background image
E5
@C/E5@C-T
116
Operation
*1
*1
Starting in Manual Mode.
Starting in
Automatic
Mode.
PID
Control
only
PV/MV
Press the
O Key less than 1 s.
Press the
O and M Keys for
at least 3 s.
Press the
O and M Keys
for at least 1 s.
Press the
O Key
less than 1 s.
Press the
O Key for
at least 1 s.
Press the
O Key for less than 1 s.
Press the
O Key for at least 3 s.
Other than the Auto/Manual Switch display
Press the
S Key*2
Press the
S Key
for at least 1 s.
Press the
O
Key or the
S
Key for at least
1 s.
*1. When the PF Setting parameter is set to A-M.
*2. When the PF Setting parameter is set to PFDP.
Press the
S Key*2
Displayed only for models with
communications. Changes are
effective after cycling power or
after a software reset.
*3. Used with component communications.
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
* Used with programless communications
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
pmsk
on
25
0
C
25
0
l.adj
ins
0.0
rss
0.0
inrt
1.000
rsrt
1.000
c-p
8.0
c-i
233
c-d
40
M
M
M
p
8.0
i
233
d
40
c-db
0.0
of-r
50.0
hys
1.0
chys
1.0
soak
1
wt-b
off
mv-s
0.0
pmov
0
psel
cwf
u-no
1
bps
9.6
len
7
sbit
2
prty
even
sdwt
20
maxu
0
area
0
adrh
0
adrl
0
rwat
1000
unit
0
up 1
1
up13
0
dn 1
31
dn13
75
copy
off
sps
1.000
spos
0.0
oapt
0
icpt
1
wtpt
off
pfpt
off
M
M
chgp
off
M
prlp
0
mv-e
0.0
sprl
same
M
sprt
off
w1on
w2on
w3on
w4of
w5on
w6on
w7on
w8on
w1of
w2of
w3of
w4on
w5of
w6of
w7of
w8of
plcm
0
ol-h
100.0
ol-l
0.0
M
sqrp
0.0
M
oc-h
0.8
at
off
cmwt
off
ct1
0.0
M
spmd
lsp
hb1
0.0
ct2
0.0
hb2
0.0
lcr1
0.0
hs1
50.0
lcr2
0.0
hs2
50.0
sp-0
0
sp-1
0
sp-2
0
sp-3
0
sp-4
0
sp-5
0
sp-6
0
sp-7
0
M
sp-3
0
r-s
run
v-m
in-t
5
in-h
100
in-l
0
dp
0
d-u
c
sl-h
1300
sl-l
-200
cntl
onof
s-hc
stnd
st
on
ptrn
off
cp
20
c-cp
20
orev
or-r
alt1
2
alh1
0.2
al-1
0
al1h
0
al1l
0
al-2
0
al2h
0
al2l
0
al-4
0
al4h
0
al4l
0
M
M
M
al-3
0
al3h
0
al3l
0
o
0.0
c-o
0.0
0.0
25
0
a-m
m-sp
0
sp-m
0
rsp
0.0
ct1
0.0
ct2
0.0
lcr1
0.0
lcr2
0.0
prst
rset
M
sktr
0
M
orl
0.0
M
db
2.0
Power ON
Adjustment
Level
Press the
O Key less than 1 s.
Manual Control Level
Adjustment Level
Display
Displayed only
once when
entering
adjustment level.
AT Execute/Cancel
Communications
Writing
Heater Current 1
Value Monitor
Heater Burnout
Detection 1
Heater Current 2
Value Monitor
Heater Burnout
Detection 2
Leakage Current 1
Monitor
Leakage Current 2
Monitor
HS Alarm 1
SP Mode
SP 4
SP 5
SP 6
SP 7
HS Alarm 2
SP 0
SP 1
SP 2
SP 3
Proportional Band
(Cooling)
Integral Time
(Cooling)
Derivative Time
(Cooling)
Process Value Input
Shift
Remote SP Input Shift
Process Value Slope
Coefficient
Remote SP Input
Slope Coefficient
Proportional Band
Integral Time
Derivative Time
Dead Band
SP Ramp Fall Value
Manual Reset Value
Hysteresis (Heating)
Hysteresis (Cooling)
Soak Time
Wait Band
MV at Stop
MV at PV Error
SP Ramp Set Value
MV Upper Limit
MV Lower Limit
MV Change Rate
Limit
Work Bit 1
ON Delay
Work Bit 2
ON Delay
Work Bit 3
ON Delay
Work Bit 4
OFF Delay
Work Bit 5
ON Delay
Work Bit 6
ON Delay
Work Bit 7
ON Delay
Work Bit 8
ON Delay
Work Bit 1
OFF Delay
Work Bit 2
OFF Delay
Work Bit 3
OFF Delay
Work Bit 4
ON Delay
Work Bit 5
OFF Delay
Work Bit 6
OFF Delay
Work Bit 7
OFF Delay
Work Bit 8
OFF Delay
Extraction of
Square Root
Low-cut Point
Press the
O Key
for at
least 3 s.
Process Value/
Set Point 1
Process Value/
Set Point 2
Auto/Manual Switch
Multi-SP
Set Point During
SP Ramp
Heater Current 1 Value
Monitor
Heater Current 2 Value
Monitor
Leakage Current 1
Monitor
Leakage Current 2
Monitor
Program Start
Soak Time Remain
RUN/STOP
Remote SP Monitor
Operation Level
Position
Proportional
Dead Band
Open/Close
Hysteresis
Communications
Monitor
Initial Setting Level
Alarm
Value 1
Alarm Value
Upper Limit
1
Alarm Value
Lower Limit
1
Alarm
Value 2
Alarm Value
Upper Limit
2
Alarm Value
Lower Limit
2
Alarm
Value 3
Alarm Value
Upper Limit
3
Alarm Value
Lower Limit
3
MV Monitor
(Heating)
MV Monitor
(Cooling)
Alarm Value
Upper Limit
4
Alarm Value
Lower Limit
4
Alarm
Value 4
Valve Opening
Monitor
Protect Level
Communications
Setting Level
Move to Protect Level:
Displayed only when a
password is set.
Operation/Adjustment Protect
Initial Setting/Communications
Protect
Setting Change Protect
Password to Move to
Protect Level
PF Key Protect
Parameter Mask Enable
Changed Parameters Only
Protocol Setting:
Switches between
CompoWay/F and
Modbus.
Communications
Unit No.
Communications
Baud Rate
Communications
Data Length
Communications
Stop Bits
Communications
Parity
Send Data Wait
Time
ST (Self-tuning)
Input Type
Scaling Upper Limit
Scaling Lower Limit
Decimal Point
Temperature Unit
SP Upper Limit
SP Lower Limit
PID ON/OFF
Standard or
Heating/Cooling
Program Pattern
Control Period (Heating)
Control Period (Cooling)
Direct/Reverse Operation
Alarm 1 Type
Alarm 1
Hysteresis
Highest
Communications
Unit No.
The time taken to move to the protect level
can be adjusted by changing the "Move to
protect level time" setting.
*3
Area
First Address
Upper Word
First Address
Lower Word
Receive Data
Wait Time
*3
Communications
Node Number
Upload
Setting 1
Upload
Setting 13
Download
Setting 1
Download
Setting 13
Copy
*3
SP Slope
*3
SP Offset
*3
M
Alarm 2 Type
M
alh2
0.2
Alarm 2
Hysteresis
alt2
2
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Parameters
E5
@C
The following pages describe the parameters set in each level. Pressing the M (Mode) Key at the last parameter in each level returns to the top
parameter in that level. Some parameters may not be displayed depending on the model and other settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com