Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-017 Datasheet(PDF) 60 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-017
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-017 Datasheet(HTML) 60 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-017 Datasheet HTML 56Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 57Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 58Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 59Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 60Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 61Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 62Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 63Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 64Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 138 page
background image
E5DC/E5DC-B
60
Model Number Legend
Models with Push-In Plus Terminal Blocks
E5DC-
@@ @ @ BM-@@@ (Example: E5DC-QX2ABM-002)
−− − − − − −−−
A
B C D E
F
*1. The control output can be used as a simple transfer output for the Digital Temperature Controllers manufactured in July 2014 or later.
*2. Option 000 can be selected only if two auxiliary outputs are selected.
*3. Options 002 and 017 can be selected only if the control output is a relay output or voltage output and two auxiliary outputs are selected.
*4. Option 015 cannot be selected if the control output is a relay output or voltage output and two auxiliary outputs are selected.
Heating and Cooling Control
Using Heating and Cooling Control
A
Control Output Assignment
An auxiliary output is used as the cooling control output.
B
Control
If PID control is used, you can set PID control separately for heating
and cooling.
This allows you to handle control systems with different heating and
cooling response characteristics.
List of Models
Model
A
B
C
D
E
F
Meaning
Control
outputs 1
and 2
No. of
auxiliary
outputs
Power
supply
voltage
Terminal
type
Input
type
Options
E5DC
22.5 mm wide and mounts to DIN Track
Control output 1
Control output 2
RX
Relay output
None
QX
Voltage output
(for driving SSR)
None
*1CX
Linear current output
*1
None
0
None
2
2 (one common)
A
100 to 240 VAC
D
24 VAC/DC
B
Push-In Plus Terminal Blocks
M
Universal input
HB alarm and HS alarm
Communications
*2
000
---
---
*3
002
1
RS-485
*4
015
---
RS-485
Control output
No. of auxiliary
outputs
Options
Model
Model
HB alarm and HS alarm
Communications
Power supply voltage
Power supply voltage
100 to 240 VAC
24 VAC/DC
Relay output
2
---
---
E5DC-RX2ABM-000
E5DC-RX2DBM-000
Detection for single-phase
heater
RS-485
E5DC-RX2ABM-002
E5DC-RX2DBM-002
---
---
E5DC-RX0ABM-015
E5DC-RX0DBM-015
Voltage output
(for driving SSR)
2
---
---
E5DC-QX2ABM-000
E5DC-QX2DBM-000
Detection for single-phase
heater
RS-485
E5DC-QX2ABM-002
E5DC-QX2DBM-002
---
---
E5DC-QX0ABM-015
E5DC-QX0DBM-015
Linear current
output
2
---
---
E5DC-CX2ABM-000
E5DC-CX2DBM-000
---
RS-485
E5DC-CX0ABM-015
E5DC-CX0DBM-015
2
E5DC-CX2ABM-015
E5DC-CX2DBM-015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com