Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-017 Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-017
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-017 Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-017 Datasheet HTML 26Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 27Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 28Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 29Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 30Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 31Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 32Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 33Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 138 page
background image
E5CC/E5CC-B/E5CC-U
30
External Connections
E5CC (Screw Terminal Blocks)
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less.
If the cable length exceeds 30 m, compliance with EMC standards will not be possible.
4. Connect M3 crimped terminals.
5. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring).
Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring
(internal wiring).
Voltage output
(for driving SSR)
12 VDC, 21 mA
Control output 2
The E5CC is set for a K-type thermocouple (input type = 5) by
default. An input error (
s.err) will occur if the input type setting does
not agree with the temperature sensor. Check the input type.
Control output 1
Relay output
250 VAC, 3A
(resistive load)
Voltage output
(for driving SSR)
12 VDC, 21 mA
Linear current output
0 to 20 mA DC
4 to 20 mA DC
Load: 500 Ω max.
Relay outputs
Models with 3 auxiliary
outputs: 250 VAC, 2 A
(resistive load)
(no polarity)
100 to 240 VAC
24 VAC/DC
Auxiliary outputs 1, 2, 3
7
8
9
10
●●
Auxiliary output 2
Auxiliary output 3
Auxiliary output 1
005
Event Inputs
1 to 4
004
Communications
(RS-485), and
Event Inputs 3 and 4
007
Event Inputs
1 and 2, and
Remote SP Input
006
Event Inputs
1 and 2, and
Transfer Output
001
Event Inputs 1
and 2, and CT1
003
Communications
(RS-485), CT1,
and CT2
(2) Auxiliary Outputs
(3) Input Power Supply
(5) Sensor (Temperature/Analog) Input
(6) Options
Models with
1 Linear
Current Output
Models with
1 Relay
Output
Models with 2
Voltage Outputs
(for Driving SSR)
(1) Control outputs 1, 2
Models with 1
Voltage Output
(for Driving SSR)
RX
QX
CX
QQ
Auxiliary outputs 1, 2, 3
E5CC-
@@ 3 @ 5 M - @@@
↑
Terminal type
Models with 2 Outputs: Linear Current
Output and Voltage (for Driving SSR)
CQ
17
18
12
15
16
1
2
13
14
3
11
4
6
7
8
9
10
5
6
4
5
6
5
6
Pt
A
B
B
+
-
mA
-
+
5
4
V
-
5
V
6
+
4
TC
4
I
11
12
11
12
18
13
16
17
16
17
18
13
16
17
18
13
14
15
13
14
15
16
18
13
14
15
16
17
18
16
17
13
17
18
V
I
V
mA
14
15
14
15
14
15
EV1
EV2
EV1
EV2
EV1
EV2
EV1
EV2
EV3
EV4
EV3
EV4
CT1
B(+)
A(-)
RS-485
B(+)
A(-)
RS-485
CT2
COM
CT1
+
-
3
1
2
3
1
2
-
3
+
Q
1
+
2
-
3
C
OUT1
C
OUT1
OUT1
OUT2
Q
OUT1
R
1
2
+
3
+
Q
1
+
2
-
Q
OUT1
OUT2
(-)
(-)
(1) (2) (3) (4) (5)
(6)
Use no-voltage inputs for the event inputs.
The polarity for non-contact inputs is given in parentheses.
(-)
(-)
(-)
+
++
(-)
-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com