Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-017 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-017
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-017 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-017 Datasheet HTML 8Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 9Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 10Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 11Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 12Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 13Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 14Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 15Page - Omron Electronics LLC E5DC-RX2ASM-017 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 138 page
background image
E5GC
12
Terminal Block Appearance
Wires:AWG24 to AWG18 (equal to a cross-sectional area of 0.21 to 0.82 mm2) braided or solid wires
Note: Refer to Precautions When Wiring E5GC (Controllers with Screwless Clamp Terminal Blocks) on page 132 for information on wiring
Controllers with screwless clamp terminal blocks.
Nomenclature
Controllers with Screw Terminal Blocks
• Terminal type: Forked or round crimped terminals
• Tightening torque for all terminals: 0.43 to 0.58 N·m
5.8 mm max.
5.8 mm max.
E5GC-
@6
Controllers with Screw Terminal Blocks (M3 Screws)
0.8 to 1.4 mm
8 to 12 mm
8 to 12 mm
Controllers with Screwless Clamp Terminals Blocks
• Wire stripping length: 8 to 12 mm
• Ferrules: 8 to 12 mm
E5GC-
@C
Controllers with Screwless Clamp Terminal Blocks
Left-panel
Setup Tool
port
Left Side View of the E5GC
Bottom View of E5GC
Bottom-panel Setup
Tool port
Front panel
Use the
U D Keys to set the parameter.
PV or specified parameter
SP or specified parameter value
Use the
M Key to change
to another parameter.
No.2 display
Use
S Key to change the
digit (default setting).
No. 1 display
Operation indicators
Temperature unit
Press
O Key once to go to Adjustment Level.
Press
O Key for at least 3 seconds
to go to the Initial Setting Level.
E5GC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com