Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFP Datasheet(PDF) 66 Page - Omron Electronics LLC

Part # PFP
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP Datasheet(HTML) 66 Page - Omron Electronics LLC

Back Button PFP Datasheet HTML 62Page - Omron Electronics LLC PFP Datasheet HTML 63Page - Omron Electronics LLC PFP Datasheet HTML 64Page - Omron Electronics LLC PFP Datasheet HTML 65Page - Omron Electronics LLC PFP Datasheet HTML 66Page - Omron Electronics LLC PFP Datasheet HTML 67Page - Omron Electronics LLC PFP Datasheet HTML 68Page - Omron Electronics LLC PFP Datasheet HTML 69Page - Omron Electronics LLC PFP Datasheet HTML 70Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA
66
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
67
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
66
67
*2. At Power Supply Voltage of 10 to 30 VDC.
*1. Two sensor outputs are allocated in the programmable logic controller PLC I/O table.
PLC operation via Communications Unit enables reading detected values and changing settings.
*3. The following details apply to the input.
*3-1. Input time is 25 ms (ON)/(OFF) only when (in tUnE) or (in PtUn) input is selected.
*4. The mutual interference prevention function is disabled if the detection mode is set to super-high-speed mode.
*5. When connected to an OMRON NJ-series Controller.
*6. The bank is not reset by the user reset function or saved by the user save function.
Inputs /
Outputs
2 outputs
1 output
2 outputs
1 output
Output
― *1
―
―
―
―
―
―
―
1 input
1 input
―
External input
Light source (wavelength)
Red, 4-element LED (625 nm)
10 to 30 VDC , including 10% ripple (p-p)
Power supply voltage
Power consumption *
2
At Power Supply Voltege of 24 VDC.
Standard Models:
Normal mode
: 840 mW max. (Current consumption at 35 mA max.)
Eco function ON : 650 mW max. (Current consumption at 27 mA max.)
Eco function LO : 750 mW max. (Current consumption at 31 mA max.)
Advanced Models or Model for Sensor Communications Unit:
Normal mode
: 920 mW max. (Current consumption at 38 mA max.)
Eco function ON : 680 mW max. (Current consumption at 28 mA max.)
Eco function LO : 800 mW max. (Current consumption at 33 mA max.)
Control output
Load power supply voltage: 30 VDC max., open-collector output
Load current: Groups of 1 to 3 Amplifier Units: 100 mA max.,
Groups of 4 to 30 Amplifier Units: 20 mA max.
(Residual voltage: At load current of less than 10 mA: 1 V max.,
At load current of 10 to 100 mA: 2 V max.)
OFF current: 0.1 mA max.
―
―
External input
Refer to *3.
Refer to *3.
―
―
Indicators
7-segment displays (Sub digital display: green, Main digital display: white)
Display direction: Switchable between normal and reversed.
OUT indicator (orange), L/D indicator (orange), ST indicator (blue), DPC indicator (green)
OUT Selection Indicator (orange)(only on models with 2 outputs)
Power supply reverse polarity protection, output short-circuit protection,
and output reverse polarity protection
Power supply reverse
polarity protection and
output short-circuit
protection
Supplied from the
connector through
the Sensor
Communications Unit
Protection circuits
Response
time
Super-high-speed mode
(SHS) *
4
Operate or reset for model with 1 output: 30 µs, with 2 outputs: 32 µs
High-speed mode (HS)
Operate or reset: 250 μs
Standard mode (Stnd)
Operate or reset: 1 ms
Giga-power mode (GIGA)
Operate or reset: 16 ms
Sensitivity adjustment
Smart tuning (2-point tuning, full auto tuning, position tuning, maximum sensitivity tuning,
power tuning, or percentage tuning (−99% to 99%)) or manual adjustment
Mutual
interference
prevention
Super-high-speed mode
(SHS) *
4
Maximum connectable Units
Possible for up to 0 units
30 units
High-speed mode (HS)
Possible for up to 10 units
Standard mode (Stnd)
Possible for up to 10 units
Giga-power mode (GIGA)
Possible for up to 10 units
Functions
Auto power control (APC)
Always ON
Dynamic power control (DPC)
Provided
Timer
Select from timer disabled, OFF-delay, ON-delay, one-shot, or ON-delay + OFF-delay timer.
1ms to 9999ms
Zero reset
Negative values can be displayed. (Threshold value is shifted.)
Resetting settings *
6
Select from initial reset (factory defaults) or user reset (saved settings).
Functions
Eco mode *7
Select from OFF (digital displays lit), Eco ON (digital displays not lit) or Eco LO (digital displays dimmed)
Bank switching
Select from banks 1 to 4.
Power tuning
Select from ON or OFF.
Output 1
Select from normal detection mode, or area detection mode.
External input
Select from input OFF, tuning,
power tuning, emission OFF,
zero reset, or bank switching.
Select from input
OFF, tuning,
power tuning,
emission OFF,
zero reset, or
bank switching.
Hysteresis width
Select from standard setting or user setting. For a user setting, the hysteresis width can be set to from 0 to 9,999.
Ambient Illumination (Receiver side)
Incandescent lamp: 20,000 lx max., Sunlight: 30,000 lx max.
Ambient temperature range
Ambient humidity range
Operating and storage: 35 to 85% (with no condensation) within the surrounding air temperature range shown above
Insulation resistance
20 MΩ min. (at 500 VDC)
2,000 m max.
Dielectric strength
1,000 VAC at 50/60 Hz for 1 min
Vibration resistance (destruction)
10 to 55 Hz with a 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance (destruction)
500 m/s2 for 3 times each in X, Y, and Z directions
Weight (packed state/unit only)
Approx. 115 g/
Approx. 75 g
Approx. 60 g/
Approx. 20 g
Approx. 115 g/
Approx. 75 g Approx. 60 g/Approx. 20 g Approx. 65 g/Approx. 25 g
Materials
Case
Cover
Polycarbonate (PC)
Polycarbonate (PC)
Cable
PVC
Accessories
Instruction Manual
150 m/s2
for 3 times each in X, Y,
and Z directions
Operating:
Groups of 1 to 2 Amplifer Units: −25 to 55°C,
Groups of 3 to 10 Amplifer Units: −25 to 50°C,
Groups of 11 to 16 Amplifer Units: −25 to 45°C,
Groups of 17 to 30 Amplifer Units: −25 to 40°C
Storage: −30 to 70°C (with no icing or condensation)
Operating:
Groups of 1 to 2
Amplifer Units:
0 to 55°C,
Groups of 3 to 10
Amplifer Units:
0 to 50°C,
Groups of 11 to 16
Amplifer Units:
0 to 45°C,
Groups of 17 to 30
Amplifer Units:
0 to 40°C
Storage:
−30 to 70°C
(with no icing
or condensation)
Output 2
Select from
normal detection
mode, alarm
output mode,
or error output
mode.
Select from normal detection
mode, alarm output mode,
or error output mode.
Contact input (relay or switch)
Non-contact input (transistor)
Input time*3-1
NPN type
ON: Shorted to 0V (Sourcing current: 1 mA max.).
OFF: Open or shorted to Vcc.
ON: 1.5V max. (Sourcing current: 1 mA max.).
OFF: Vcc − 1.5 V to Vcc (Leakage current: 0.1 mA max.)
ON : 9ms min.
OFF : 20ms min.
PNP type
ON: Shorted to Vcc (Sinking current: 3 mA max.).
OFF: Open or shorted to 0V.
ON: Vcc − 1.5 V to Vcc (Sinking current: 3 mA max.).
OFF: 1.5V max.(Leakage current: 0.1 mA max.)
Standard Models:
Normal mode
: 990 mW max. (Current consumption: 33 mA max. at 30 VDC, 65 mA max. at 10 VDC)
Eco function ON : 780 mW max. (Current consumption: 26 mA max. at 30 VDC, 42 mA max. at 10 VDC)
Eco function LO : 840 mW max. (Current consumption: 28 mA max. at 30 VDC, 45 mA max. at 10 VDC)
Advanced Models:
Normal mode
: 1,020 mW max. (Current consumption: 34 mA max. at 30 VDC, 67 mA max. at 10 VDC)
Eco function ON : 810 mW max. (Current consumption: 27 mA max. at 30 VDC, 44 mA max. at 10 VDC)
Eco function LO : 870 mW max. (Current consumption: 29 mA max. at 30 VDC, 48 mA max. at 10 VDC)
Ratings and Specifications
Type
Standard
Advanced
Model for Sensor
Communications Unit
NPN output
E3NX-FA7
E3NX-FA7TW
E3NX-FA0
PNP output
E3NX-FA9
E3NX-FA9TW
Item
Connecting method
Wire-saving Connector
2 outputs
1 output
―
1 input
E3NX-FA24
―
E3NX-FA54 E3NX-FA54TW
M8 Connector
Connector for Sensor
Communications Unit
E3NX-FA11
E3NX-FA41
Pre-wired
E3NX-FA6
E3NX-FA8
Wire-saving
Connector
E3NX-FA21
E3NX-FA51
Pre-wired
Select from
normal detection
mode, alarm
output mode,
or error output
mode.
Type
Standard
Advanced
Model for Sensor
Communications Unit
NPN output
E3NX-FA7
E3NX-FA7TW
E3NX-FA0
PNP output
E3NX-FA9
E3NX-FA9TW
Item
Connecting method
Wire-saving Connector
E3NX-FA24
―
E3NX-FA54 E3NX-FA54TW
M8 Connector
Connector for Sensor
Communications Unit
E3NX-FA11
E3NX-FA41
Pre-wired
E3NX-FA6
E3NX-FA8
Wire-saving
Connector
E3NX-FA21
E3NX-FA51
Pre-wired
With E3NW-ECT: 30 units *5
With E3NW-CRT: 16 units
With E3NW-CCL: 16 units
*7. Eco LO is supported for Amplifier Units manufactured in July 2014 or later.
Pollution degree 3 (as per IEC 60947-1)
Altitude
Installation environment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com