Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFP Datasheet(PDF) 28 Page - Omron Electronics LLC

Part # PFP
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP Datasheet(HTML) 28 Page - Omron Electronics LLC

Back Button PFP Datasheet HTML 24Page - Omron Electronics LLC PFP Datasheet HTML 25Page - Omron Electronics LLC PFP Datasheet HTML 26Page - Omron Electronics LLC PFP Datasheet HTML 27Page - Omron Electronics LLC PFP Datasheet HTML 28Page - Omron Electronics LLC PFP Datasheet HTML 29Page - Omron Electronics LLC PFP Datasheet HTML 30Page - Omron Electronics LLC PFP Datasheet HTML 31Page - Omron Electronics LLC PFP Datasheet HTML 32Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 100 page
background image
Beam Improvements
High-power Beam (Long-distance Installation, Dust-resistant)
Beam Improvements
High-power Beam (Long-distance Installation, Dust-resistant)
28
28
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow 
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation 
Information
29
29
Installation 
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Fiber only → 24 Page Lens ( to 70°C) → 26 Page
Lens ( to 200°C) → This Page
E32-T51 2M (Free Cutting) + E39-F1-33
29-J
E32-T51 2M (Free Cutting) + E39-F16
29-K
E32-T51R 2M (Free Cutting) + E39-F2
29-G
E32-T81R-S 2M (No Cutting) + E39-F2
29-H
E32-T61-S 2M (No Cutting) + E39-F2
29-I
E39-F1
E39-F2
28-A
28-C
E39-F16
E39-F1-33
28-B
28-D
Note 1: Two per set.
Note 2: This is the Lens Unit for the E32-T51.
Material:
Brass for the body and optical
glass for the lens itself.
4 dia.
2.8 dia.
9.2
5.7
M2.60.45
Effective depth: 3.2
countersinking depth: 0.9
M40.7
Depth: 6
22.5
5
7.8 dia.
4 dia.
8.9
M2.60.45
Effective depth: 3.8
countersinking depth: 0.9
Note: Two per set.
Material:
Brass for the body and optical
glass for the lens itself.
Material:
SUS303 for the body and
optical glass for the
lens itself.
Note: Two per set.
Note: Two per set.
Material:
Brass for the body and optical
glass for the lens itself.
11
6 dia.
4 dia.
5
M40.7
Effective screw
length: 3.1
E32-T51R 2M (Free Cutting) + E39-F1
E32-T51R 2M (Free Cutting) + E39-F16
29-A
29-D
E32-T81R-S 2M (No Cutting) + E39-F1
E32-T81R-S 2M (No Cutting) + E39-F16
29-B
29-E
E32-T61-S 2M (No Cutting) + E39-F1
E32-T61-S 2M (No Cutting) + E39-F16
29-C
29-F
2,000
19.9
M40.7 (SUS303)
8.9
2.2 dia.
4 dia.
(75)
25.9
10
2,000
8.9
M40.7 (SUS303)
2 dia.
4 dia.
25.9
2,000
10
8.9
M40.7 (SUS303)
2.8 dia.
4 dia.
2.2 dia.
2,000
30.5
22.5
M40.7 (SUS303)
7.8 dia.
36.5
10
22.5
M40.7 (SUS303)
2 dia.
(75)
2,000
7.8 dia.
36.5
10
2,000
22.5
M40.7 (SUS303)
2.8 dia.
7.8 dia.
M40.7 (Nickel-plated brass)
2.2 dia.
33.5
2,000
22.5
7.8 dia.
22.9
2,000
11
5
2.2 dia.
M40.7 (Nickel-plated brass)
6 dia.
M40.7 (SUS303)
2.2 dia.
2,000
20.2
9.2
5.7
4 dia.
26.2
10
2,000
9.2
5.7
(75)
M40.7 (SUS303)
2 dia.
4 dia.
26.2
2,000
10
5.7
9.2
M40.7 (SUS303)
2.8 dia.
4 dia.
2,520
900
2,100
750
1,500
540
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
4,000*
3,450
4,000*
4,000*
1,680
600
1,000
360
1,400
500
E32-T51R 2M
E32-T81R-S 2M
E32-T61-S 2M
Sensing distance (mm)
Ultra-high-power (incident level: 160 times) Side-View (incident level: 0.8 times)
High-power (incident level: 50 times)
Approx. 6°
Approx. 60°
Approx. 12°
7.2 dia.
3 dia. (0.1 dia.)
4 dia. (0.1 dia.)
E39-F16
E39-F2
E39-F1
Appearance (mm)
Models
Type
Models
Appearance
Optical axis diameter
(minimum sensing object)
Lens Units
Fiber Units
Aperture angle
M4
14
M4
20
30
M4
20
30
M4
17
Heat-resistant up to 100°C
Heat-resistant up to 200°C
Heat-resistant up to 350°C
(200°C) (See Note 3)
28-C
28-B
28-A
29-G
29-H
29-I
29-D
29-E
29-F
4,000*
4,000*
4,000*
3,900
4,000*
2,700
29-A
29-B
29-C
29-K
29-J
4,000*
4,000*
E32-T51 2M
4,000
1,400
Sensing distance (mm)
Ultra-high-power (incident level: 160 times)
High-power (incident level: 50 times)
Approx. 6°
Approx. 12°
7.2 dia.
4 dia. (0.1 dia.)
E39-F16
E39-F1-33
Appearance (mm)
Models
Type
Models
Appearance
Optical axis diameter
(minimum sensing object)
Aperture angle
ST :
SHS:
4,000
1,400
ST :
SHS:
4,000
4,000
ST :
SHS:
4,000
4,000
ST :
SHS:
Heat-resistant up to 150°C
28-B
28-D
* The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
Lens Units
Fiber Units
E3X-HD
E3NX-FA
E3X-HD
E3NX-FA
*
*
*
*
*
*
E3X-HD
E3X-HD
E3NX-FA
E3X-HD
E3NX-FA
E3NX-FA
* The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
720
200
ST :
SHS:
550
140
ST :
SHS:
900
240
ST :
SHS:
4,000
4,000
ST :
SHS:
4,000
1,800
ST :
SHS:
4,000
3,100
ST :
SHS:
4,000
1,500
ST :
SHS:
4,000
1,000
ST :
SHS:
4,000
1,800
ST :
SHS:
1,080
200
ST :
SHS:
820
140
ST :
SHS:
1,350
240
ST :
SHS:
4,000
4,000
ST :
SHS:
4,000
1,800
ST :
SHS:
4,000
3,100
ST :
SHS:
4,000
1,500
ST :
SHS:
4,000
1,000
ST :
SHS:
4,000
1,800
ST :
SHS:
*
*
*
*
*
*
*
*
*
*
*
*
*
*
4,000*
2,300
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 µs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 µs, PNP output: 55 µs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 µs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 µs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
Note 1.
2.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 µs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 µs, PNP output: 55 µs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 µs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 µs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The ambient temperature of E32-T61-S must be between −40 to 200°C when using it with E39-F1 or E39-F2 Lens Unit.
The ambient temperature of E32-T61-S must be between −40 to 350°C when using it with E39-F16 Lens Unit.
Note 1.
2.
3.
HS
GIGA
Other
modes
HS
GIGA
Other
modes
HS
GIGA
Other
modes
HS
GIGA
Other
modes
HS
GIGA
Other
modes
HS
GIGA
Other
modes
HS
GIGA
Other
modes
HS
GIGA
Other
modes
HS
GIGA
Other
modes
HS
GIGA
Other
modes
Dimensions
Installation Information → 60, 61 Page
Through-beam Fiber Units (Set of 2)
Specifications
Lens Units (Set of 2)
Dimensions
Installation Information → 61 Page
Through-beam Fiber Units (Heat-resistant)
- Reference Information for Model Selection -
Comparisons of incident level
Select the model based on the comparisons of incident level against Standard Fiber Units.
1700
160
50
40
0.8
Reference (1)
10
10
Comparisons of incident level (Through-beam)
E32-LT11R 2M
→
24 page
E32-T11R 2M
(Reference)
E32-T11R + E39-F2
→
26 page
E32-T14 2M
→
24 page
E32-T11R + E39-F1
→
26 page
E32-LT11N 2M
→
24 page
E32-T11R + E39-F16
→
26 page
E32-T17L 10M
→
24 page
60
E32-T11NF 2M
→
38 page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com