Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFP Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # PFP
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP Datasheet(HTML) 4 Page - Omron Electronics LLC

  PFP Datasheet HTML 1Page - Omron Electronics LLC PFP Datasheet HTML 2Page - Omron Electronics LLC PFP Datasheet HTML 3Page - Omron Electronics LLC PFP Datasheet HTML 4Page - Omron Electronics LLC PFP Datasheet HTML 5Page - Omron Electronics LLC PFP Datasheet HTML 6Page - Omron Electronics LLC PFP Datasheet HTML 7Page - Omron Electronics LLC PFP Datasheet HTML 8Page - Omron Electronics LLC PFP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
Selection Guide
Selection Guide
04
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
05
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
04
05
Standard Installation
Threaded Models
Fiber Unit Index
Cylindrical Models
Flat Models
Sleeve Models
(Close-range Detection)
Saving Space
Beam Improvements
High-power Beam
(Long-distance Installation, Dust-resistant)
Narrow View
(Detection Across Clearance)
Detection without
Background Interference
Transparent Object Detection
Retro-reflective
Limited-reflective
(Glass Detection)
Environmental Immunity
Chemical-resistant,
Oil-resistant
Bending-resistant,
Disconnection-resistant
Heat-resistant
Special Applications
Area Beam
(Area Detection)
Liquid-level Detection
Vacuum-resistant
FPD, Semiconductors,
and Solar Cells
Select a Fiber
Amplifier Unit and
Communications
Unit.
Select a Fiber Unit.
Selection by
Model
Selection by
Category
Search for the page
in the model index.
Select a category.
Select a model.
62
Page
Search for the model
on the corresponding
pages.
Select Accessories
of Fiber Amplifier
Unit
Fiber Unit Index
Category Pages
Fiber Amplifier Unit Series
The Fiber Units specifications give the sensing
distance when the Fiber Unit and Fiber Amplifier
Unit is combined. Check the Fiber Amplifier Unit
series for easier selection.
Before Selecting Fiber Units
<Specifications on Each Fiber Unit Category Page>
Fiber
Amplifier
Unit
specifications
Output
External input
Response time
Ordering Information
Page
listings
Ratings and Specifications
Dimensions
Sensing distance
(Giga-power mode) E32-D11R
E32-T11R
Minimum sensing
object
Communications method
(Sensor Communications Unit model)
Applicable Sensors
E32-T11R
Sensor
Communications
Unit
application
1 output
Not supported
50 μs (55 μs)/250 μs/1 ms/16 ms
(Default: 250 μs)
2,000 mm
840 mm
5 μm dia.
EtherCAT (E3X-ECT)
CompoNet (E3X-CRT)
80 Page
80 Page
78 Page
Fiber Sensor (E3X-HD0)
Fiber Sensor (E3X-MDA0)
Laser Photoelectric Sensor (E3C-LDA0)
Proximity Sensor (E2C-EDA0)
1 or 2 outputs (depending on the model)
Supported or not supported (depending on the model)
30 μs (32 μs)/250 μs/1 ms/16 ms
(Default: 250 μs)
3,000 mm
1,260 mm
2 μm dia.
EtherCAT (E3NW-ECT)
CompoNet (E3NW-CRT)
CC-Link (E3NW-CCL)
68 Page
66 Page
64 Page
Fiber Sensor (E3NX-FA0)
Laser Sensors (E3NC-LA0, E3NC-SA0)
Contact-Type Sensor (E9NC-TA0)*
06 to61
Page
98
Page
Each
Page
65,79
Page
E3NX-FA Series
E3X-HD Series
05
Page
Small-Spot, Reflective
(Minute Object Detection)
* E3NW-CRT Sensor Communications Units (CompoNet) cannot be used.
Ideal for installation in narrow
spaces.
The Fiber Unit is secured with
a set screw.
Mount directly in limited
spaces without using special
mounting brackets.
Suitable for close-range
detection.
Ideal for detecting minute objects
in areas with limited space.
Standard screw-type installation.
The Fiber Units is mounted
into a drilled hole and secured
with nuts.
Small-spot to accurately detect
small objects.
Suitable for detection on large
equipment, of large objects,
and in environments with
airborne particles.
The Fiber Unit emit a
non-spreading beam to prevent
false detection of light reflected
off surrounding objects.
Detect only objects in the
sensing range, and not in the
background.
Detect transparent objects reliably
because the beam passes
through the object twice, resulting
in greater light interruption.
The limited-reflective optical
system provides stable
detection of specular reflective
glass.
Made from materials that are
resistant to various oils and
chemicals.
Resistant to repeated bending
on moving parts and breaking
from snagging or shock.
Can be used in
high-temperature
environments at up to 400°C.
Detect across areas for
meandering materials or falling
workpieces whose position
vary.
Detect only liquid when being
mounted on tubes or in liquid.
Can be used under high
vacuums of up to 10-5 Pa.
Designed specifically to
reliably detect glass substrates
and wafers.
06
Page
10
Page
14
Page
16
Page
20
Page
24
Page
34
Page
36
Page
38
Page
40
Page
44
Page
48
Page
50
Page
52
Page
54
Page
30
Page
32
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com