Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRF-ROC09325-B Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HRF-ROC09325-B
Description  Radio On A Chip 300 - 928 MHz FSK Transceiver Frequency Agile With SPI Bus Interface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HRF-ROC09325-B Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HRF-ROC09325-B Datasheet HTML 1Page - Honeywell Solid State Electronics Center HRF-ROC09325-B Datasheet HTML 2Page - Honeywell Solid State Electronics Center HRF-ROC09325-B Datasheet HTML 3Page - Honeywell Solid State Electronics Center HRF-ROC09325-B Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HRF-ROC09325
Preliminary
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2002 09325
Published February 2002
Page 1
Plymouth, Minnesota 55441-4799
1-800-323-8295
Features
·
High Integration Minimizes System Cost
·
Data Rates To 28.8 Kbits/Sec
·
FSK Operation Capable Of Frequency Hopping
·
Programmable Power, Frequency And Tx/Rx/Standby
·
Operates From Single 2.4V To 3.3V Power Supply
·
High Performance On-chip Baseband Filtering
·
Digital Encoding, Decoding, And Correlator
·
Surface Mount Leadless Plastic Packaging
·
Direct Down Conversion (Zero IF) Receiver
Radio On A Chip
300 – 928 MHz
FSK Transceiver
Frequency Agile
With SPI Bus Interface
Description
The Honeywell HRF-ROC09325 is a programmable transceiver for
use in digital data applications. Direct microprocessor connections
for control and data transfer simplify product development. The
HRF-ROC09325 is ideally suited for use in battery powered
wireless applications in conjunction with microprocessors for data
communication.
Functional Schematic
PLL
Demod
XTAL
Poly
Phase
PA
LNA
Digital
(SPI Interface, Encoder/Decoder, FIFO, Correlator)
CP
Low Pass Filter
Limiter/
RSSI
Product Photo
RF Electrical Specifications @ + 25oC
Parameter
Test Condition
Frequency
Minimum Typical
Maximum
Units
Rx Sensitivity
300– 928 MHz
-70*
dBm
1db Compression
Vdd = 3V
300– 928 MHz
-20
dBm
Input IP3
Vdd = 3V
300– 928 MHz
-5
dBm
Tx Output Power
Vdd = 3V
300– 928 MHz
+4*
dBm
Data Rate, Tx / Rx
Continuous Data
19.2
28.8
Kbps
Channel Rejection
Adjacent Channels
Fc +/- 200KHz
75
dB
Detection Bandwidth
Iq Baseband FilterPassband
100
KHz
Control/Data I/O
Serial Peripheral Interface (SPI). Direct
Connection To Microcontroller/Microprocessor
10
MHz
*Additional sensitivity/output power possible with use of supplementary LNA or Power Amp.


Similar Part No. - HRF-ROC09325-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HRF-ROC093XC ETC1-HRF-ROC093XC Datasheet
212Kb / 5P
Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
HRF-ROC093XC-K ETC1-HRF-ROC093XC-K Datasheet
212Kb / 5P
Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
HRF-ROC093XC-T ETC1-HRF-ROC093XC-T Datasheet
212Kb / 5P
Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
More results

Similar Description - HRF-ROC09325-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF211 ATMEL-AT86RF211 Datasheet
582Kb / 48P
FSK Transceiver for ISM Radio Applications
logo
List of Unclassifed Man...
HRF-ROC093XC ETC1-HRF-ROC093XC Datasheet
212Kb / 5P
Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
logo
RF Monolithics, Inc
TXC100 RFM-TXC100 Datasheet
527Kb / 11P
Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range.
logo
AMI SEMICONDUCTOR
AMIS-53000 AMI-AMIS-53000 Datasheet
3Mb / 99P
Frequency Agile Transceiver
AMIS-53050 AMI-AMIS-53050 Datasheet
3Mb / 107P
Frequency Agile Transceiver
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_10 Datasheet
3Mb / 172P
single-chip RF transceiver provides a complete radio interface
logo
Analog Devices
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
RF Agile Transceiver
Rev. SpC
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
logo
STMicroelectronics
M950X0-W STMICROELECTRONICS-M950X0-W Datasheet
823Kb / 46P
Compatible with SPI bus serial interface
August 2014 Rev 13
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
639Kb / 36P
RF Agile Transceiver
Rev. F
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com