Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH-CPDP Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # LH-CPDP
Description  OSLON® SSL 150
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LH-CPDP Datasheet(HTML) 4 Page - ams-OSRAM AG

  LH-CPDP Datasheet HTML 1Page - ams-OSRAM AG LH-CPDP Datasheet HTML 2Page - ams-OSRAM AG LH-CPDP Datasheet HTML 3Page - ams-OSRAM AG LH-CPDP Datasheet HTML 4Page - ams-OSRAM AG LH-CPDP Datasheet HTML 5Page - ams-OSRAM AG LH-CPDP Datasheet HTML 6Page - ams-OSRAM AG LH-CPDP Datasheet HTML 7Page - ams-OSRAM AG LH-CPDP Datasheet HTML 8Page - ams-OSRAM AG LH-CPDP Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2015-12-21
4
Version 1.4
LH CPDP
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
660
nm
Centroid Wavelength
Zentrumswellenlänge
(min.)
(typ.)
(max.)
λcentr
λcentr
λcentr
646
657
666
nm
nm
nm
Dominant Wavelength 3) page 21
Dominantwellenlänge 3) Seite 21
(typ.)
λdom
640
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
25
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
150
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
V
F
1.80
2.10
2.60
V
V
V
Reverse voltage
Sperrspannung
(IR = 20 mA)
(max.)
V
R
1.2
V
Real thermal resistance junction / solder point
4) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 21
(typ.)
(max.)
Rth JS real
Rth JS real
9.6
10.8
K/W
K/W
"Electrical" thermal resistance junction / solder point
4) page 21
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
4) Seite 21
(with efficiency ηe = 50 %)
(typ.)
(max.)
R
th JS el
R
th JS el
4.8
5.4
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com