Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH-CPDP Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LH-CPDP
Description  OSLON® SSL 150
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LH-CPDP Datasheet(HTML) 5 Page - ams-OSRAM AG

  LH-CPDP Datasheet HTML 1Page - ams-OSRAM AG LH-CPDP Datasheet HTML 2Page - ams-OSRAM AG LH-CPDP Datasheet HTML 3Page - ams-OSRAM AG LH-CPDP Datasheet HTML 4Page - ams-OSRAM AG LH-CPDP Datasheet HTML 5Page - ams-OSRAM AG LH-CPDP Datasheet HTML 6Page - ams-OSRAM AG LH-CPDP Datasheet HTML 7Page - ams-OSRAM AG LH-CPDP Datasheet HTML 8Page - ams-OSRAM AG LH-CPDP Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.4
LH CPDP
2015-12-21
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
Dominant Wellenlängengruppen
Group
Radiant Power 1) page 21
Radiant Power 1) page 21
Gruppe
Strahlungsleistung 1) Seite 21
Strahlungsleistung 1) Seite 21
(min.) Φ
E [mW]
(max.) Φ
E [mW]
2T
315
355
3T
355
400
4T
400
450
Group
hyper red
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
1
646
666
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com