Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH-CPDP Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # LH-CPDP
Description  OSLON® SSL 150
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LH-CPDP Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button LH-CPDP Datasheet HTML 5Page - ams-OSRAM AG LH-CPDP Datasheet HTML 6Page - ams-OSRAM AG LH-CPDP Datasheet HTML 7Page - ams-OSRAM AG LH-CPDP Datasheet HTML 8Page - ams-OSRAM AG LH-CPDP Datasheet HTML 9Page - ams-OSRAM AG LH-CPDP Datasheet HTML 10Page - ams-OSRAM AG LH-CPDP Datasheet HTML 11Page - ams-OSRAM AG LH-CPDP Datasheet HTML 12Page - ams-OSRAM AG LH-CPDP Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.4
LH CPDP
2015-12-21
9
Relative Forward Voltage 5) page 21
Relative Vorwärtsspannung 5) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Radiant Power 5) page 21
Relative Strahlungsleistung 5) Seite 21
ΦE/ΦE(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 5) page 21
Dominante Wellenlänge 5) Seite 21
λdom = f(Tj); IF = 350 IFmA
OHL06028
-40 -20 0 20 40 60 80 100120
Tj (°C)
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
∆VF (V)
OHL06064
-40 -20 0
20 40 60 80 100 120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T (°C)
j
Φ
E
Φ
E (25 °C)
OHL06084
-40 -20 0
20 40 60 80 100 120
-10
-5
0
5
10
∆λ
(nm)
centr
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com