Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95020-RBN3P Datasheet(PDF) 20 Page - STMicroelectronics

Part # M95020-RBN3P
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-RBN3P Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M95020-RBN3P Datasheet HTML 16Page - STMicroelectronics M95020-RBN3P Datasheet HTML 17Page - STMicroelectronics M95020-RBN3P Datasheet HTML 18Page - STMicroelectronics M95020-RBN3P Datasheet HTML 19Page - STMicroelectronics M95020-RBN3P Datasheet HTML 20Page - STMicroelectronics M95020-RBN3P Datasheet HTML 21Page - STMicroelectronics M95020-RBN3P Datasheet HTML 22Page - STMicroelectronics M95020-RBN3P Datasheet HTML 23Page - STMicroelectronics M95020-RBN3P Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
M95040, M95020, M95010
20/37
MAXIMUM RATING
Stressing the device outside the ratings listed in
Table 7. may cause permanent damage to the de-
vice. These are stress ratings only, and operation
of the device at these, or any other conditions out-
side those indicated in the Operating sections of
this specification, is not implied. Exposure to Ab-
solute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to
the STMicroelectronics SURE Program and other
relevant quality documents.
Table 7. Absolute Maximum Ratings
Note: 1. Compliant with JEDEC Std J-STD-020B (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification, and
the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU.
2. AEC-Q100-002 (compliant with JEDEC Std JESD22-A114A, C1=100pF, R1=1500
Ω, R2=500Ω)
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage Temperature
–65
150
°C
TLEAD
Lead Temperature during Soldering 1
See note 1
°C
VO
Output Voltage
–0.50
VCC+0.6
V
VI
Input Voltage
–0.50
6.5
V
VCC
Supply Voltage
–0.50
6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model) 2
–4000
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com