Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95020-RBN3P Datasheet(PDF) 25 Page - STMicroelectronics

Part # M95020-RBN3P
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-RBN3P Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M95020-RBN3P Datasheet HTML 21Page - STMicroelectronics M95020-RBN3P Datasheet HTML 22Page - STMicroelectronics M95020-RBN3P Datasheet HTML 23Page - STMicroelectronics M95020-RBN3P Datasheet HTML 24Page - STMicroelectronics M95020-RBN3P Datasheet HTML 25Page - STMicroelectronics M95020-RBN3P Datasheet HTML 26Page - STMicroelectronics M95020-RBN3P Datasheet HTML 27Page - STMicroelectronics M95020-RBN3P Datasheet HTML 28Page - STMicroelectronics M95020-RBN3P Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
25/37
M95040, M95020, M95010
Table 18. AC Characteristics (M950x0, Device Grade 6)
Note: 1. tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max)
2. Value guaranteed by characterization, not 100% tested in production.
3. Previous product: identified by Process Identification letter K.
4. Present product: identified by Process Identification letter W or G.
Test conditions specified in Table 11. and Table 8.
Symbol
Alt.
Parameter
Min.3
Max.3
Min.4
Max.4
Unit
fC
fSCK
Clock Frequency
D.C.
5
D.C.
10
MHz
tSLCH
tCSS1
S Active Setup Time
90
15
ns
tSHCH
tCSS2
S Not Active Setup Time
90
15
ns
tSHSL
tCS
S Deselect Time
100
40
ns
tCHSH
tCSH
S Active Hold Time
90
25
ns
tCHSL
S Not Active Hold Time
90
15
ns
tCH
1
tCLH
Clock High Time
90
40
ns
tCL
1
tCLL
Clock Low Time
90
40
ns
tCLCH
2
tRC
Clock Rise Time
1
1
µs
tCHCL
2
tFC
Clock Fall Time
1
1
µs
tDVCH
tDSU
Data In Setup Time
20
15
ns
tCHDX
tDH
Data In Hold Time
30
15
ns
tHHCH
Clock Low Hold Time after HOLD not Active
70
15
ns
tHLCH
Clock Low Hold Time after HOLD Active
40
20
ns
tCHHL
Clock High Set-up Time before HOLD Active
tCH
30
ns
tCHHH
Clock High Set-up Time before HOLD not Active
tCH
30
ns
tSHQZ
2
tDIS
Output Disable Time
100
25
ns
tCLQV
tV
Clock Low to Output Valid
60
35
ns
tCLQX
tHO
Output Hold Time
0
0
ns
tQLQH
2
tRO
Output Rise Time
50
20
ns
tQHQL
2
tFO
Output Fall Time
50
20
ns
tHHQV
tLZ
HOLD High to Output Valid
50
25
ns
tHLQZ
2
tHZ
HOLD Low to Output High-Z
100
35
ns
tW
tWC
Write Time
10
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com