Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95020-RBN3P Datasheet(PDF) 36 Page - STMicroelectronics

Part # M95020-RBN3P
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-RBN3P Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M95020-RBN3P Datasheet HTML 29Page - STMicroelectronics M95020-RBN3P Datasheet HTML 30Page - STMicroelectronics M95020-RBN3P Datasheet HTML 31Page - STMicroelectronics M95020-RBN3P Datasheet HTML 32Page - STMicroelectronics M95020-RBN3P Datasheet HTML 33Page - STMicroelectronics M95020-RBN3P Datasheet HTML 34Page - STMicroelectronics M95020-RBN3P Datasheet HTML 35Page - STMicroelectronics M95020-RBN3P Datasheet HTML 36Page - STMicroelectronics M95020-RBN3P Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
M95040, M95020, M95010
36/37
REVISION HISTORY
Table 28. Document Revision History
Date
Version
Description of Revision
10-May-2000
2.2
s/issuing three bytes/issuing two bytes/ in the 2nd sentence of the Byte Write Operation
16-Mar-2001
2.3
Human Body Model meets JEDEC std (Table 2). Minor adjustments to Figs 7,9,10,11 & Tab
9. Wording changes, according to the standard glossary
Illustrations and Package Mechanical data updated
19-Jul-2001
2.4
Temperature range ‘3’ added to the -W supply voltage range in DC and AC characteristics
11-Oct-2001
3.0
Document reformatted using the new template
26-Feb-2002
3.1
Description of chip deselect after 8th clock pulse made more explicit
27-Sep-2002
3.2
Position of A8 in Read Instruction Sequence Figure corrected. Load Capacitance CL
changed
24-Oct-2002
3.3
Minimum values for tCHHL and tCHHH changed.
24-Feb-2003
3.4
Description of Read from Memory Array (READ) instruction corrected, and clarified
28-May-2003
3.5
New products, identified by the process letter W, added
25-Jun-2003
3.6
Correction to current products, identified by the process letter K not L.
ICC changed in DC characteristics, and tCHHL, tCHHH substituted in AC characteristics
Voltage range -S upgraded by removing it, and adding the -R voltage range in its place
Temperature range 5 removed.
21-Nov-2003
4.0
Table of contents, and Pb-free options added. VIL(min) improved to -0.45V
02-Feb-2004
4.1
VIL(max) and tCLQV(max) changed
01-Mar-2004
5.0
Absolute Maximum Ratings for VIO(min) and VCC(min) improved. Soldering temperature
information clarified for RoHS compliant devices. New 5V and 2.5V devices, with process
letter W, promoted from preliminary data to full data. Device Grade 3 clarified, with reference
to HRCF and automotive environments
05-Oct-2004
6.0
Product List summary table added. Process identification letter “G” information added. Order
information for Tape and Reel changed to T. AEC-Q100-002 compliance. Device Grade
informaton clarified. tHHQX corrected to tHHQV. Signal Description updated.
10MHz, 5ms Write is now the present product. tCH+tCL<1/fC constraint clarified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com