Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-R48G Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # LRTB-R48G
Description  Multi Chip LED
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LRTB-R48G Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button LRTB-R48G Datasheet HTML 19Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 20Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 21Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 22Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 23Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 24Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 25Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 26Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
LRTB R48G
2021-09-30
23
Gurtung / Polarität und Lage
7) Seite 29
Verpackungseinheit 24000/Rolle, ø330mm
Method of Taping / Polarity and Orientation
7) page 29
Packing unit 24000/Reel, ø330 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com