Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-R48G Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LRTB-R48G
Description  Multi Chip LED
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LRTB-R48G Datasheet(HTML) 1 Page - ams-OSRAM AG

  LRTB-R48G Datasheet HTML 1Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 2Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 3Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 4Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 5Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 6Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 7Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 8Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LRTB R48G
Multi C
hip LED
Data Sheet
Version 1.
9
20
21-09-30
1
Das Bauteil ist speziell für den Einsatz in
Vollfarb-Videowänden entwickelt worden. Die
4-lead common anode Technologie läßt eine
unahängige Ansteuerung aller Chips zu und bietet
dadurch eine additive Farbmischung. Durch die
kompakten Gehäuseabmaße ist es bestens für
Videowände mit hoher Auflösung und geringem
Pixelabstand geeignet.
Merkmale
• Gehäusetyp: SMT Gehäuse, Harz Verguss
• Farbe: Rot/True Grün/Blau, 623 nm (rot),
530 nm (true grün), 471 nm (blau)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Chiptechnologie: InGaAlP (rot),
InGaN (true grün, blau)
• Lötmethode: Reflow lötbar
• Vorbehandlung: nach JEDEC Level 4
• ESD-Festigkeit: ESD-sensitiv
Anwendungen
• Videoleinwände im Innenbereich
• Vollfarb-Displays
This device is especially designed for full color
video
walls.
The
4-lead
common
anode
technology admits an additive mixture of color
stimuli by independent driving of each chip. Very
compact package size fits best for high resolution
narrow pitch video walls.
Features
• package: SMT package, epoxy resin
• color: red/true green/ blue, 623 nm (red),
530 nm (true green), 471 nm (blue)
• viewing angle: Lambertian Emitter (120°)
• chiptechnology: InGaAlP(red),
InGaN (true green, blue)
• soldering methods: reflow solderable
• preconditioning: acc. to JEDEC Level 4
• ESD-withstand voltage: sensitive device
Applications
• Indoor Video Walls
• full color display


Similar Part No. - LRTB-R48G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTB-R48G OSRAM-LRTB-R48G Datasheet
1Mb / 29P
SMT package, epoxy resin
More results

Similar Description - LRTB-R48G

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-22SURSYGC EVERLIGHT-15-22SURSYGC Datasheet
236Kb / 10P
Chip LED with Bi-Color (Multi-Color)
15-22-R6G6C-A32-2T EVERLIGHT-15-22-R6G6C-A32-2T Datasheet
218Kb / 12P
Chip LED with Bi-Color (Multi-Color)
23-22B-R7G6C-A30-2T EVERLIGHT-23-22B-R7G6C-A30-2T Datasheet
216Kb / 12P
Chip LED (Multi-Color)
23-22B-S2BHC-C30-2A EVERLIGHT-23-22B-S2BHC-C30-2A Datasheet
229Kb / 12P
Reverse Package Chip LED (Multi-Color)
23-22C-S2BHC-B30-2A EVERLIGHT-23-22C-S2BHC-B30-2A Datasheet
171Kb / 12P
Reverse Package Chip LED (Multi-Color)
18-225-B6R6C-C01-3T EVERLIGHT-18-225-B6R6C-C01-3T_11 Datasheet
213Kb / 11P
Chip LED with Bi-Color(Multi-Color)
23-22B-R7G6C-A30-2T EVERLIGHT-23-22B-R7G6C-A30-2T_11 Datasheet
271Kb / 12P
Chip LED (Multi-Color)
23-22C-S2BHC-B30-2A EVERLIGHT-23-22C-S2BHC-B30-2A_11 Datasheet
203Kb / 12P
Reverse Package Chip LED (Multi-Color)
logo
Linkage Goston Electron...
SM2135E LINKAGE-SM2135E Datasheet
2Mb / 8P
MultI-Channel Smart LED Drive chip
logo
HK TO-GRACE TECHNOLOGY ...
23-22B-S2BHC-C30-2A TO-GRACE-23-22B-S2BHC-C30-2A Datasheet
703Kb / 12P
Reverse Package Chip LED (Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com