Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-R48G Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LRTB-R48G
Description  Multi Chip LED
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LRTB-R48G Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LRTB-R48G Datasheet HTML 6Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 7Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 8Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 9Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 10Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 11Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 12Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 13Page - ams-OSRAM AG LRTB-R48G Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
2021-09-30
10
LRTB R48G
Abstrahlcharakteristik (horizontal)
5) Seite 29
Radiation Characteristic (horizontal)
5) page 29
I
rel = f (); TS = 25 °C, IF = 10 mA (red), 5 mA (true green), 5 mA (blue)
Abstrahlcharakteristik (vertikal)
5) Seite 29
Radiation Characteristic (vertical)
5) page 29
I
rel = f (); TS = 25 °C, IF = 10 mA (red), 5 mA (true green), 5 mA (blue)
LRTBR48G
-100
-80
-60
-40
-20
0
20
40
60
80
100
ϕ [°]
0.0
0.2
0.4
0.6
0.8
1.0
Irel
: red
: true green
: blue
LRTBR48G
-100
-80
-60
-40
-20
0
20
40
60
80
100
ϕ [°]
0.0
0.2
0.4
0.6
0.8
1.0
Irel
: red
: true green
: blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com