Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-E6SF Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LS-E6SF
Description  Power TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-E6SF Datasheet(HTML) 1 Page - ams-OSRAM AG

  LS-E6SF Datasheet HTML 1Page - ams-OSRAM AG LS-E6SF Datasheet HTML 2Page - ams-OSRAM AG LS-E6SF Datasheet HTML 3Page - ams-OSRAM AG LS-E6SF Datasheet HTML 4Page - ams-OSRAM AG LS-E6SF Datasheet HTML 5Page - ams-OSRAM AG LS-E6SF Datasheet HTML 6Page - ams-OSRAM AG LS-E6SF Datasheet HTML 7Page - ams-OSRAM AG LS-E6SF Datasheet HTML 8Page - ams-OSRAM AG LS-E6SF Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LS E6SF
1 Version 1.6 | 2021-04-28
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LS E6SF
Power TOPLED®
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators
on vehicles and for display panels for traffic control
systems.
—
Interior Illumination (e.g. Ambient Map)
—
Signalling
—
Traffic Lights
Features:
—
Package: white PLCC-4 package, colorless clear silicone resin
—
Chip technology: Thinfilm
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 633 nm (● super red)
—
Corrosion Robustness Class: 1B
—
Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - LS-E6SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-E6SF OSRAM-LS-E6SF Datasheet
475Kb / 18P
white P-LCC-4 package, colorless clear silicone resin
logo
ams-OSRAM AG
LS-E6SF-01 AMSOSRAM-LS-E6SF-01 Datasheet
1Mb / 22P
Power TOPLED™
2025-12-09
logo
OSRAM GmbH
LS-E6SF-V2BA-1-1-Z OSRAM-LS-E6SF-V2BA-1-1-Z Datasheet
492Kb / 21P
Power TOPLED
More results

Similar Description - LS-E6SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE67B OSRAM-LAE67B_13 Datasheet
440Kb / 19P
Power TOPLED
LAETSF OSRAM-LAETSF Datasheet
612Kb / 21P
Power TOPLED
logo
ams AG
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com