Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSG-T676 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LSG-T676
Description  Multi TOPLED®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LSG-T676 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LSG-T676 Datasheet HTML 2Page - ams-OSRAM AG LSG-T676 Datasheet HTML 3Page - ams-OSRAM AG LSG-T676 Datasheet HTML 4Page - ams-OSRAM AG LSG-T676 Datasheet HTML 5Page - ams-OSRAM AG LSG-T676 Datasheet HTML 6Page - ams-OSRAM AG LSG-T676 Datasheet HTML 7Page - ams-OSRAM AG LSG-T676 Datasheet HTML 8Page - ams-OSRAM AG LSG-T676 Datasheet HTML 9Page - ams-OSRAM AG LSG-T676 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LSG T676
DATASHEET
DATASHEET
6 | Version 1.5 | 2024-11-21
Brightness Groups
Color of emission
Group
Luminous Intensity 1)
Luminous Intensity 1)
Luminous Flux 7)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
I
v
I
v
Φ
V
● super red
P7
56 mcd
90 mcd
220 mlm
● super red
P9
63 mcd
100 mcd
240 mlm
● super red
Q
71 mcd
112 mcd
270 mlm
● super red
Q5
80 mcd
125 mcd
310 mlm
● super red
Q7
90 mcd
140 mcd
350 mlm
● super red
Q9
100 mcd
159 mcd
390 mlm
● super red
R
112 mcd
180 mcd
440 mlm
● green
N7
36 mcd
56 mcd
140 mlm
● green
N9
40 mcd
63 mcd
150 mlm
● green
P
45 mcd
71 mcd
170 mlm
● green
P5
50 mcd
80 mcd
200 mlm
● green
P7
56 mcd
90 mcd
220 mlm
● green
P9
63 mcd
100 mcd
240 mlm
● green
Q
71 mcd
112 mcd
270 mlm
Wavelength Groups
● super red
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
1
627 nm
634 nm
Wavelength Groups
● green
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
2
566 nm
569 nm
3
569 nm
572 nm
4
572 nm
575 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com