Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSG-T676 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # LSG-T676
Description  Multi TOPLED®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LSG-T676 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button LSG-T676 Datasheet HTML 15Page - ams-OSRAM AG LSG-T676 Datasheet HTML 16Page - ams-OSRAM AG LSG-T676 Datasheet HTML 17Page - ams-OSRAM AG LSG-T676 Datasheet HTML 18Page - ams-OSRAM AG LSG-T676 Datasheet HTML 19Page - ams-OSRAM AG LSG-T676 Datasheet HTML 20Page - ams-OSRAM AG LSG-T676 Datasheet HTML 21Page - ams-OSRAM AG LSG-T676 Datasheet HTML 22Page - ams-OSRAM AG LSG-T676 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LSG T676
DATASHEET
DATASHEET
19 | Version 1.5 | 2024-11-21
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
LL
AA
YY
TT
66
77
BB
W
Waavveelleennggtthh
EEm
miissssiioonn C
Coolloorr
((λλddoomm ttyypp..))
SS::
633 nm
super red
YY::
587 nm
yellow
AA::
617 nm
amber
O
O::
606 nm
orange
W
Waavveelleennggtthh
EEm
miissssiioonn C
Coolloorr
((λλddoomm ttyypp..))
G
G:: 570 nm
green
YY:: 587 nm
yellow
PP:: 560 nm
pure green
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
66::
folded leads
77::
reverse gullwing leads
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
77::
colorless clear or white volume conversion
(resin encapsulation)
C
Chhiipp TTeecchhnnoollooggyy
00::
TSN
66::
Standard InGaAlP
11::
individual definition
BB::
HOP 2000
FF::
Thinfilm InGaAlP
KK::
InGaAlP low current
LL::
Light
emitting
diode
PPaacckkaaggee TTyyppee
TT::
TOPLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com