Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSG-T676 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LSG-T676
Description  Multi TOPLED®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LSG-T676 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LSG-T676 Datasheet HTML 7Page - ams-OSRAM AG LSG-T676 Datasheet HTML 8Page - ams-OSRAM AG LSG-T676 Datasheet HTML 9Page - ams-OSRAM AG LSG-T676 Datasheet HTML 10Page - ams-OSRAM AG LSG-T676 Datasheet HTML 11Page - ams-OSRAM AG LSG-T676 Datasheet HTML 12Page - ams-OSRAM AG LSG-T676 Datasheet HTML 13Page - ams-OSRAM AG LSG-T676 Datasheet HTML 14Page - ams-OSRAM AG LSG-T676 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LSG T676
DATASHEET
DATASHEET
11 | Version 1.5 | 2024-11-21
Dominant Wavelength 7)
λ
dom = f(Tj); IF = 20 mA
LSGT676
-40-20 020406080 100 120
Tj /°C
-6
-4
-2
0
2
4
6
'O dom /nm
:super red
Dominant Wavelength 7)
λ
dom = f(Tj); IF = 20 mA
LSGT676
-40-20 020406080 100 120
Tj /°C
-10
-5
0
5
10
15
20
'O dom /nm
:green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com