Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SR176_07 Datasheet HTML 16Page - STMicroelectronics SR176_07 Datasheet HTML 17Page - STMicroelectronics SR176_07 Datasheet HTML 18Page - STMicroelectronics SR176_07 Datasheet HTML 19Page - STMicroelectronics SR176_07 Datasheet HTML 20Page - STMicroelectronics SR176_07 Datasheet HTML 21Page - STMicroelectronics SR176_07 Datasheet HTML 22Page - STMicroelectronics SR176_07 Datasheet HTML 23Page - STMicroelectronics SR176_07 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Device operations (instructions)
SR176
20/35
5.6
WRITE_BLOCK
Command Code = 09h,(X.AD)
Prior to any WRITE_BLOCK command, the SR176 must have been set into the SELECTED
state.
When executing the WRITE_BLOCK command, the SR176 overwrites the contents of the
addressed block with the 16-bit value that was sent in the command, provided that the block
is available and not write protected. The AD value of the four least significant bits of the
address code (X.AD) (b3 to b0) represents the block address. For example, address 06h
specifies that the data should be written in block 6. The SR176 does not generate any
response when it executes a WRITE_BLOCK command (Figure 30). The reader must check
after the programming time, tW, that the data bits were correctly programmed.
Block addresses between 0 to 3 cannot be accessed using the WRITE_BLOCK command
(the command has no effect on these blocks). Write access to block 15 is described in the
section on the PROTECT_BLOCK command.
Request parameters (Figure 29):
●
ADDRESS: address block from 4 to 14
●
DATAL: least significant Byte
●
DATAH: most significant Byte
Figure 29.
WRITE_BLOCK request format
Figure 30.
WRITE_BLOCK frame exchange between Reader and SR176
SOF
DATAL
CRCL
CRCH
EOF
AI07709B
DATAH
8 bIts
8 bIts
8 bIts
8 bIts
WRITE_BLOCK
ADDRESS
09h
4 zero-bits
+ 4-bit address
DATAL
AI07710B
DATAH
Reader
SR176
CRCL CRCH EOF
SOF
09h
ADDR
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com