Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SR176_07 Datasheet HTML 25Page - STMicroelectronics SR176_07 Datasheet HTML 26Page - STMicroelectronics SR176_07 Datasheet HTML 27Page - STMicroelectronics SR176_07 Datasheet HTML 28Page - STMicroelectronics SR176_07 Datasheet HTML 29Page - STMicroelectronics SR176_07 Datasheet HTML 30Page - STMicroelectronics SR176_07 Datasheet HTML 31Page - STMicroelectronics SR176_07 Datasheet HTML 32Page - STMicroelectronics SR176_07 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
SR176
Package mechanical
29/35
9
Package mechanical
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second-level interconnect. The category of
Second-Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 46.
A3 antenna specification
Table 9.
A3 antenna specification
Symbol
Parameter
Type
Min
Max
Unit
A
Coil width
38
37.5
38.5
mm
B
Coil length
38
37.5
38.5
mm
A1
Inlay width
43
42.5
43.5
mm
B1
Inlay length
43
42.5
43.5
mm
Overall thickness of copper antenna coil
110
90
130
µm
Silicon thickness
180
165
195
µm
Q
Unloaded Q value
40
FNOM
Unloaded free-air resonance
15.1
MHz
PA
H-field energy for device operation
0.5
114
A/m
dbµA/m
A
B1
A1
AI09046B
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com