Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SR176_07 Datasheet HTML 19Page - STMicroelectronics SR176_07 Datasheet HTML 20Page - STMicroelectronics SR176_07 Datasheet HTML 21Page - STMicroelectronics SR176_07 Datasheet HTML 22Page - STMicroelectronics SR176_07 Datasheet HTML 23Page - STMicroelectronics SR176_07 Datasheet HTML 24Page - STMicroelectronics SR176_07 Datasheet HTML 25Page - STMicroelectronics SR176_07 Datasheet HTML 26Page - STMicroelectronics SR176_07 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
SR176
Device operations (instructions)
23/35
Figure 35.
GET_PROTECTION frame exchange between Reader and SR176
5.9
Power-on state
After Power-on, the SR176 is in the following state:
●
The device is in the low power mode.
●
The device is deselected.
●
The device presents its highest impedance to the reader antenna field.
●
It will not answer to any command except INITIATE.
Table 4.
Chip_ID and LOCK_REG
Block 15
bits
Response
parameter bits
Meaning
b15
LOCK_REG b7
1: Blocks 14 and 15 are write-protected (0: indicates that write-access is allowed)
b14
LOCK_REG b6
1: Blocks 12 and 13 are write-protected (0: indicates that write-access is allowed)
b13
LOCK_REG b5
1: Blocks 10 and 11 are write-protected (0: indicates that write-access is allowed)
b12
LOCK_REG b4
1: Blocks 8 and 9 are write-protected (0: indicates that write-access is allowed)
b11
LOCK_REG b3
1: Blocks 6 and 7 are write-protected (0: indicates that write-access is allowed)
b10
LOCK_REG b2
1: Blocks 4 and 5 are write-protected (0: indicates that write-access is allowed)
b9
LOCK_REG b1
1: Blocks 2 and 3 are write-protected (0: indicates that write-access is allowed)
b8
LOCK_REG b0
1: Blocks 0 and 1 are write-protected (0: indicates that write-access is allowed)
b4 to b7
Chip_ID b4 to b7
Reserved
b0 to b3
Chip_ID b0 to b3
Chip_ID (Value from 0h to Fh)
SOF Chip_ID
AI07716B
LOCK_REG
Reader
SR176
CRCL CRCH EOF
SOF
08h
CRCL CRCH EOF
0Fh
t0
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com