Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

551SPGGI8 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 551SPGGI8
Description  Low Skew 1 to 4 Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

551SPGGI8 Datasheet(HTML) 4 Page - Renesas Technology Corp

  551SPGGI8 Datasheet HTML 1Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 2Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 3Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 4Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 5Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 6Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 7Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 8Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
R31DS0038EU0204 Rev.2.04
Page 4
Aug 14, 2026
551S Datasheet
2. Specifications
2.1
Absolute Maximum Ratings
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
2.2
Recommended Operating Conditions
2.3
Thermal Specifications
2.3.1
8-SOIC
2.3.2
8-TSSOP
Parameter
Rating
Supply Voltage, VDD
3.465V
All Inputs and Outputs
-0.5 V to 3.465V
Ambient Operating Temperature, Extended
-40 to +105°C
Storage Temperature
-65 to +150°C
Junction Temperature
125°C
Soldering Temperature
260°C
Parameter
Minimum
Maximum
Unit
Ambient Operating Temperature, extended
-40
+105
C
Power Supply Voltage (measured in respect to GND)
+1.71
+3.465
V
Parameter
Symbol
Conditions
Typical
Unit
Thermal Resistance Junction to Ambient
ΘJA
Still air
150
°C/W
1m/s air flow
140
3m/s air flow
120
Thermal Resistance Junction to Board
ΘJB
89
Thermal Resistance Junction to Case
ΘJC
40
Parameter
Symbol
Conditions
Typical
Unit
Thermal Resistance Junction to Ambient
ΘJA
Still air
149.1
°C/W
1m/s air flow
143.3
2m/s air flow
137.9
3m/s air flow
133.8
Thermal Resistance Junction to Board
ΘJB
153
Thermal Resistance Junction to Case
ΘJC
64.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com