Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

551SPGGI8 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 551SPGGI8
Description  Low Skew 1 to 4 Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

551SPGGI8 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 551SPGGI8 Datasheet HTML 6Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 7Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 8Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 9Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 10Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 11Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 12Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 13Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
R31DS0038EU0204 Rev.2.04
Page 10
Aug 14, 2026
551S Datasheet
5. Ordering Information
6. Revision History
Part Number
Package
Carrier Type
Temperature
551SDCGI
8-SOIC, 0.150” body
Tubes
-40°C to +105°C
551SDCGI8
Tape and Reel
551SCMGI
8-DFN, 2.0 × 2.0 × 0.5 mm
Cut Tape
551SCMGI8
Tape and Reel
551SPGGI
8-TSSOP, 4.4 × 3.0 mm
Tubes
551SPGGI8
Tape and Reel
Revision
Date
Description
2.04
Aug 14, 2026
Updated Marking Diagrams.
2.03
Jul 4, 2025
Added 8-TSSOP and 8-DFN thermal specifications.
2.02
Dec 13, 2023
Updated POD link for 8-DFN to CMG8D1.
2.01
Dec 21, 2022
▪ Updated Output Clock Rise/Fall Time in 2.5V and 3.3V AC Electrical Characteristics tables.
▪ Removed footnote 4 in 1.8V, 2.5V and 3.3V AC Electrical Characteristics tables.
2.00
May 21, 2021
▪ Updated 3.3V AC Electrical Characteristics table (Parameter, Symbol, Test Conditions).
1.30
Mar 12, 2021
▪ Added 8-TSSOP package information.
▪ Reformatted datasheet to latest template.
1.20
Sep 20, 2018
▪ Added Thermal Resistance Junction to Board to Thermal Characteristics table.
▪ Updated Package Outline Drawings section.
1.00
Mar 18, 2015
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com