Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

551SPGGI8 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 551SPGGI8
Description  Low Skew 1 to 4 Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

551SPGGI8 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 551SPGGI8 Datasheet HTML 6Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 7Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 8Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 9Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 10Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 11Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 12Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 13Page - Renesas Technology Corp 551SPGGI8 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Top View
Side View
RECOMMENDED LAND PATTERN
(PCB Top View, SMD Design)
1
Index Area
8
Seating Plane
ccc C
See Detail A
Side View
Gage Plane
Detail A
(Rotated 90° CW)
NOTES:
1.
JEDEC compatible.
2.
All dimensions are in mm and angles are in degrees.
3.
Use ±0.05 mm for the non-toleranced dimensions.
4.
Foot length is measured at gauge plane 0.25 mm
above seating plane.
D
E
HE
A A2
A1
e
b
h
θ°
0° Min
0.25
L
LP
Section A-A
A
A
θ°
h
R0.07 MIN
θ1°
θ
1°
With Plating
Base Metal
b
c
b1
c1
1
8
3.81
0.61
0.38
3.81
3.61
7.16
6.96
1.27
© Renesas Electronics Corporation
Package Outline Drawing
PSC-4068-01
DCG8D1
8-SOIC 4.90 x 3.90 x 1.75 mm Body, 1.27mm Pitch
Rev.03, Jul 11, 2025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com