Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LCX652 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74LCX652
Description  Fast CMOS 3.3V 8-Bit Registered Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LCX652 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74LCX652 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS2104A 02/07/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74LCX646
PI74LCX652
3.3V 8-BIT REGISTERED TRANSCEIVER
Switching Characteristics over Operating Range
Note:
1. Skew between any two outputs, of the same package, switching in the same direction.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
VCC
V
3
.
3
=
V
3
.
0
±
VCC
V
7
.
2
=
s
t
i
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
fMAX
y
c
n
e
u
q
e
r
F
k
c
o
l
C
m
u
m
i
x
a
MCL
F
p
0
5
=
RL
0
0
5
=
Ω
0
5
1

z
H
M
tPHL
tPLH
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
s
u
B
o
t
s
u
B
5
.
10
.
75
.
10
.
8
s
n
tPHL
tPLH
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
s
u
B
o
t
k
c
o
l
C
5
.
15
.
85
.
15
.
9
tPHL
tPLH
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
s
u
B
o
t
t
c
e
l
e
S
5
.
15
.
85
.
15
.
9
tPZL
tPZH
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O5
.
15
.
85
.
15
.
9
tPLZ
tPHZ
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O5
.
15
.
85
.
15
.
9
TS
e
m
i
T
p
u
t
e
S5
.
2
5
.
2
TH
e
m
i
T
d
l
o
H5
.
1
5
.
1
TW
h
t
d
i
W
e
s
l
u
P3
.
3
3
.
3
tSK(0)
w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
)
1
(
0
.
1

Note:
1. Measured with n–1 outputs switching from High-to-Low or Low-to-High. The remaining output is
measured in the LOW state.
Dynamic Switching Characteristics (TA = +25°C)
Parameters
Description
Test Conditions(1)
Typical
Units
VOLP
Dynamic LOW Peak Voltage
VCC = 3.3V, CL = 50pF
0.8
V
VIH = 3.3V, VIL = 0V
VOLV
Dynamic LOW Valley Voltage
VCC = 3.3V, CL = 50pF
0.8
V
VIH = 3.3V, VIL = 0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com