Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LCX652 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74LCX652
Description  Fast CMOS 3.3V 8-Bit Registered Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LCX652 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74LCX652 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS2104A 02/07/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74LCX646
PI74LCX652
3.3V 8-BIT REGISTERED TRANSCEIVER
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the de-
vice. This is a stress rating only and functional opera-
tion of the device at these or any other conditions
above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
t
i
n
U
VCC
e
g
a
t
l
o
V
y
l
p
p
u
Sg
n
i
t
a
r
e
p
O0
.
26
.
3
V
n
o
i
t
n
e
t
e
R
a
t
a
D5
.
16
.
3
VI
e
g
a
t
l
o
V
t
u
p
n
I0
5
.
5
VO
e
g
a
t
l
o
V
t
u
p
t
u
Oe
t
a
t
S
W
O
L
r
o
H
G
I
H0
VCC
e
t
a
t
S
-
I
R
T0
5
.
5
IOH I
/ OL
t
n
e
r
r
u
C
t
u
p
t
u
OVCC
V
6
.
3
-
V
0
.
3
=
4
2
±
A
m
VCC
V
7
.
2
=
2
1
±
TA
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
r
i
A
-
e
e
r
F
− 0
4
5
8
+
°C
∆ /t∆V
e
t
a
R
e
g
d
E
t
u
p
n
IV
,
V
0
.
2
-
V
8
.
0
=
V
CC
V
0
.
3
=0
0
1V
/
s
n
Recommended Operating Conditions
Storage Temperature ............................................................. –65°C to +150°C
Ambient Temperature with Power Applied ............................ –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ...... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) .. –0.5V to +7.0V
DC Input Voltage .................................................................... –0.5V to +7.0V
DC Output Current .............................................................................. 120 mA
Power Dissipation .................................................................................... 1.0W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com