Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LCX652 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74LCX652
Description  Fast CMOS 3.3V 8-Bit Registered Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LCX652 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74LCX652 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LCX652 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS2104A 02/07/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74LCX646
PI74LCX652
Fast CMOS 3.3V 8-Bit Registered Transceiver
Product Features
• Functionally compatible with FCT3, LVT, and
74 series 646 and 652 families of products
• Tri-State outputs
• 5V Tolerant inputs and outputs
• 2.0V-3.6V VCC supply operation
• Balanced sink and source output drives (24 mA)
• Low ground bounce outputs
• Supports live insertion
• ESD Protection exceeds 2000V, Human Body Model
200V, Machine Model
• Packages available:
– 24-pin 209-mil wide plastic SSOP (H)
– 24-pin 173-mil wide plastic TSSOP (L)
– 24-pin 150-mil wide plastic QSOP (Q)
– 24-pin 300-mil wide plastic SOIC (S)
Logic Block Diagram
Product Description
Pericom Semiconductor’s PI74LCX series of logic circuits are pro-
duced in the Company’s advanced 0.6 micron CMOS technology,
achieving industry leading speed grades.
The PI74LCX646 and PI74LCX652 are designed with a bus
transceiver with 3-state D-type flip-flops and control circuitry
arranged for multiplexed transmission of data directly from the data
bus or from the internal storage registers. The PI74LCX652 utilizes
GAB and GBA signals to control the transceiver functions. The
PI74LCX646 uses the enable control (G) and direction pins (DIR)
to control the transceiver functions. SAB and SBA control pins are
used to select either real-time or stored data transfer. The circuitry
used for select control will eliminate the typical decoding glitch that
occurs in a multiplexer during the transition between real-time and
stored data. A low input level selects real-time data and a high
selects stored data.
The PI74LCX646 and PI74LCX652 can be driven from either 3.3V
or 5.0V devices allowing this device to be used as a translator in a
mixed 3.3/5.0V system.
0D
CPAB
C0
CPBA
SBA
DIR
G
SAB
0D
C0
A REG
B REG
B0
A0
1 OR 8 CHANNELS
TO 7 OTHER CHANNELS
GBA
GAB
PI74LPT652 ONLY
PI74LPT646
ONLY


Similar Part No. - PI74LCX652

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244A PERICOM-PI74LCX16244A Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244V PERICOM-PI74LCX16244V Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
More results

Similar Description - PI74LCX652

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT3245 PERICOM-PI74FCT3245 Datasheet
44Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT245 PERICOM-PI74LPT245 Datasheet
61Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LCX245 PERICOM-PI74LCX245 Datasheet
86Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
Fast CMOS 3.3V 8-Bit Latched Transceiver
PI74LPT2Q245 PERICOM-PI74LPT2Q245 Datasheet
72Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
logo
Integrated Device Techn...
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74LVCH16543A IDT-IDT74LVCH16543A_16 Datasheet
234Kb / 6P
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com