Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7564B Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7564B
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7564B Datasheet HTML 8Page - STMicroelectronics TDA7564B Datasheet HTML 9Page - STMicroelectronics TDA7564B Datasheet HTML 10Page - STMicroelectronics TDA7564B Datasheet HTML 11Page - STMicroelectronics TDA7564B Datasheet HTML 12Page - STMicroelectronics TDA7564B Datasheet HTML 13Page - STMicroelectronics TDA7564B Datasheet HTML 14Page - STMicroelectronics TDA7564B Datasheet HTML 15Page - STMicroelectronics TDA7564B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Electrical specifications
TDA7564B
12/34
Figure 9.
Distortion vs. output power (4
Ω, HI-
EFF)
Figure 10. Distortion vs. output power (2
Ω,
STD)
Figure 11. Distortion vs. frequency (4
Ω)
Figure 12. Distortion vs. frequency (2
Ω)
Figure 13. Crosstalk vs. frequency
Figure 14. Supply voltage rejection vs. freq.
0.1
1
10
Po (W)
0.001
0.01
0.1
1
10
THD (%)
f = 10 KHz
f = 1 KHz
HI-EFF MODE
Vs = 14.4 V
RL = 4 Ohm
0.1
1
10
Po (W)
0.01
0.1
1
10
THD (%)
f = 10 KHz
f = 1 KHz
STANDARD MODE
Vs = 14.4 V
RL = 2 Ohm
10
100
1000
10000
f (Hz)
0.01
0.1
1
10
THD (%)
STANDARD MODE
Vs = 14.4 V
RL = 4 Ohm
Po = 4 W
10
100
1000
10000
f (Hz)
0.1
1
10
THD (%)
STANDARD MODE
Vs = 14.4 V
RL = 2 Ohm
Po = 8 W
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
CROSSTALK (dB)
STANDARD MODE
RL = 4 Ohm
Po = 4 W
Rg = 600 Ohm
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
SVR (dB)
STD & HE MODE
Rg = 600 Ohm
Vripple = 1 Vpk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com