Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7564B Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7564B
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7564B Datasheet HTML 18Page - STMicroelectronics TDA7564B Datasheet HTML 19Page - STMicroelectronics TDA7564B Datasheet HTML 20Page - STMicroelectronics TDA7564B Datasheet HTML 21Page - STMicroelectronics TDA7564B Datasheet HTML 22Page - STMicroelectronics TDA7564B Datasheet HTML 23Page - STMicroelectronics TDA7564B Datasheet HTML 24Page - STMicroelectronics TDA7564B Datasheet HTML 25Page - STMicroelectronics TDA7564B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
I2C Bus interface
TDA7564B
22/34
8
I2C Bus interface
Data transmission from microprocessor to the TDA7564B and vice versa takes place
through the 2 wires I2C Bus interface, consisting of the two lines SDA and SCL (pull-up
resistors to positive supply voltage must be connected).
8.1
Data validity
As shown by Figure 30, the data on the SDA line must be stable during the high period of
the clock. The HIGH and LOW state of the data line can only change when the clock signal
on the SCL line is LOW.
8.2
Start and stop conditions
As shown by Figure 31 a start condition is a high to low transition of the SDA line while SCL
is HIGH. The stop condition is a low to high transition of the SDA line while SCL is high.
8.3
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.
8.4
Acknowledge
The transmitter* puts a resistive high level on the SDA line during the acknowledge clock
pulse (see Figure 32). The receiver** the acknowledges has to pull-down (low) the SDA line
during the acknowledge clock pulse, so that the SDA line is stable low during this clock
pulse.
* Transmitter
–master (
μP) when it writes an address to the TDA7564B
–
slave (TDA7564B) when the
μP reads a data byte from TDA7564B
** Receiver
–
slave (TDA7564B) when the
μP writes an address to the TDA7564B
–
master (µP) when it reads a data byte from TDA7564B
Figure 30. Data validity on the I2C Bus
SDA
SCL
DATA LINE
STABLE, DATA
VALID
CHANGE
DATA
ALLOWED
D99AU1031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com