Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7564B Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7564B
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7564B Datasheet HTML 14Page - STMicroelectronics TDA7564B Datasheet HTML 15Page - STMicroelectronics TDA7564B Datasheet HTML 16Page - STMicroelectronics TDA7564B Datasheet HTML 17Page - STMicroelectronics TDA7564B Datasheet HTML 18Page - STMicroelectronics TDA7564B Datasheet HTML 19Page - STMicroelectronics TDA7564B Datasheet HTML 20Page - STMicroelectronics TDA7564B Datasheet HTML 21Page - STMicroelectronics TDA7564B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Diagnostics functional description
TDA7564B
18/34
This feature is disabled if any overloads leading to activation of the short-circuit protection
occurs in the process.
Figure 27. Current detection high: load impedance |Z| vs. output peak voltage
Figure 28. Current detection low: load impedance |Z| vs. output peak voltage
12
34
5
6
7
8
1
2
3
5
10
20
30
50
Vout (Peak)
Load |z| (Ohm)
Iout (peak) <250mA
Iout (peak) >500mA
Low current detection area
(Open load)
D5 = 1 of the DBx byres
High current detection area
(Normal load)
D5 = 0 of the DBx bytes
IB2(D7) = 0
0.5
1
1.5
2
2.5
3
3.5
4
1
2
3
5
10
20
30
50
Vout (Peak)
Load |z| (Ohm)
Iout (peak) <125mA
Iout (peak) >250mA
Low current detection area
(Open load)
D5 = 1 of the DBx byres
High current detection area
(Normal load)
D5 = 0 of the DBx bytes
IB2(D7) = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com