Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1891-03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 1891-03
Description  RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1891-03 Datasheet(HTML) 1 Page - STMicroelectronics

  1891-03 Datasheet HTML 1Page - STMicroelectronics 1891-03 Datasheet HTML 2Page - STMicroelectronics 1891-03 Datasheet HTML 3Page - STMicroelectronics 1891-03 Datasheet HTML 4Page - STMicroelectronics 1891-03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.6 GHz SATCOM APPLICATIONS
RF & MICROWAVE TRANSISTORS
.230 2LFL (M151)
hermetically sealed
.
1.65 GHz
.
28 VOLTS
.
GOLD METALLIZED SYSTEM
.
POLYSILICON SITE BALLASTING
.
OVERLAY DIE GEOMETRY
.
HIGH RELIABILITY AND RUGGEDNESS
.
POUT
= 5.0 W MIN. WITH 14.0 dB GAIN
DESCRIPTION
The SD1891-03 is a 28 V silicon NPN transistor
designed for INMARSAT and other 1.6 GHz SAT-
COM applications. This device utilizes polysilicon
site ballasting with a gold metallized die to achieve
high reliability and ruggedness.
PIN CONNECTION
BRANDING
1891-03
ORDER CODE
SD1891-03
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
45
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
1.1
A
PDISS
Power Dissipation
8.8
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance
20.0
°C/W
SD1891-03
1. Collector
3. Base
2. Emitter
THERMAL DATA
March 1993
1/5


Similar Part No. - 1891-03

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1891 KEYSTONE-1891 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
Alpha Wire
1891/3C ALPHAWIRE-1891/3C Datasheet
97Kb / 4P
Customer Specification
12/8/2022
logo
PHOENIX CONTACT
1891014 PHOENIX-1891014 Datasheet
231Kb / 8P
ZFK3DSA 1,5-5,08- 3 - PCB terminal block
1891027 PHOENIX-1891027 Datasheet
240Kb / 8P
ZFKKDSA 1,5-5,08- 4 - PCB terminal block
1891030 PHOENIX-1891030 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDSA 1,5-5,08- 8
More results

Similar Description - 1891-03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM82223-010 STMICROELECTRONICS-AM82223-010 Datasheet
59Kb / 3P
TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
31-Aug-1994
SD1888-03 STMICROELECTRONICS-SD1888-03 Datasheet
42Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Jul-1993
SD1893-03 STMICROELECTRONICS-SD1893-03 Datasheet
42Kb / 5P
RF & MICROWAVE TRANSISTORS 1.6 GHZ SATCOM APPLICATIONS
Nov-1992
SD1895-03 STMICROELECTRONICS-SD1895-03 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Jul-1993
SD1897 STMICROELECTRONICS-SD1897 Datasheet
47Kb / 4P
RF & MICROWAVE TRANSISTORS 1.65 GHz SATCOM APPLICATIONS
Jul-1993
SD1898 STMICROELECTRONICS-SD1898 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
Nov-1992
logo
Analog Devices
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com