Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232PRO Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # ICUSB232PRO
Description  1 ft USB to RS232 Serial DB9 Adapter Cable with COM Retention
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB232PRO Datasheet(HTML) 3 Page - StarTech.com Ltd.

  ICUSB232PRO Datasheet HTML 1Page - StarTech.com Ltd. ICUSB232PRO Datasheet HTML 2Page - StarTech.com Ltd. ICUSB232PRO Datasheet HTML 3Page - StarTech.com Ltd. ICUSB232PRO Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Linux 2.4.x to 4.19.x <i>LTS Versions only</i>
Special Notes /
Requirements
System and Cable
Requirements
PC with an available USB 1.1 (or above) port
Environmental
Operating Temperature
-10C to 80C (14F to 176F)
Storage Temperature
-20C to 100C (-4F to 212F)
Humidity
5~85% RH
Physical
Characteristics
Color
Black
Material
Plastic
Cable Length
12.0 in [30.5 cm]
Product Length
15.7 in [40 cm]
Product Width
1.3 in [34 mm]
Product Height
0.6 in [15 mm]
Weight of Product
1.1 oz [30 g]
Packaging
Information
Package Length
6.9 in [17.5 cm]
Package Width
5.7 in [14.5 cm]
Package Height
1.2 in [30 mm]
Shipping (Package)
Weight
3.4 oz [97 g]
What's in the
Box
Included in Package
USB to Serial Adapter
Driver CD
Instruction Manual



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com