Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232PRO Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # ICUSB232PRO
Description  1 ft USB to RS232 Serial DB9 Adapter Cable with COM Retention
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB232PRO Datasheet(HTML) 1 Page - StarTech.com Ltd.

  ICUSB232PRO Datasheet HTML 1Page - StarTech.com Ltd. ICUSB232PRO Datasheet HTML 2Page - StarTech.com Ltd. ICUSB232PRO Datasheet HTML 3Page - StarTech.com Ltd. ICUSB232PRO Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 ft USB to RS232 Serial DB9 Adapter Cable with COM Retention
Product ID: ICUSB232PRO
The ICUSB232PRO 1 ft USB to RS232 Serial DB9 Adapter Cable with COM Retention offers a professional grade
solution for connecting legacy or industrial RS232 serial devices to a laptop or desktop computer through USB -
eliminating the expense of upgrading serial peripherals for compatibility.
A time-saving and convenient USB/Serial solution, the adapter retains assigned serial COM port values in nonvolatile
memory, allowing the same values to automatically be assigned to the adapter serial port if disconnected and
reconnected, or disconnected from one USB port and installed in another.
A versatile connectivity solution that bridges legacy serial peripheral devices with newer USB-capable computers, the
USB to Serial adapter offers broad operating system compatibility including Windows, Linux and Mac OS, for easy
integration into mixed environments.
Backed by a StarTech.com 2-year warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Perfect for IT Administrators looking to add legacy functionality to newer notebooks, PCs and servers that lack an
integrated RS232 port
• Connect, monitor and control industrial/automotive sensors and equipment
• Connect bar code scanners, receipt printers and other point of sale devices
• Connect a satellite receiver, serial modem, or PDA with serial sync
• Connect and program LED and Digital signage boards with serial communication ports


Similar Part No. - ICUSB232PRO

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
ICUSB2321F STARTECH-ICUSB2321F Datasheet
203Kb / 4P
1 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
ICUSB2322F STARTECH-ICUSB2322F Datasheet
202Kb / 4P
2 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
ICUSB2322I STARTECH-ICUSB2322I Datasheet
72Kb / 4P
2 Port Industrial Wall Mountable USB to Serial Adapter Hub with DIN Rail Clips
ICUSB2324 STARTECH-ICUSB2324 Datasheet
209Kb / 3P
4 Port USB to RS232 Serial DB9 Adapter Hub
ICUSB2324I STARTECH-ICUSB2324I Datasheet
69Kb / 4P
4 Port USB to DB9 RS232 Serial Adapter Hub – Industrial DIN Rail and Wall Mountable
More results

Similar Description - ICUSB232PRO

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P450-006 TRIPPLITE-P450-006 Datasheet
487Kb / 3P
Null Modem Serial RS232 Cable (DB9 F/F) 6-ft.
P454-006 TRIPPLITE-P454-006 Datasheet
479Kb / 3P
Null Modem Serial RS232 Cable (DB9 M/F) 6-ft
U209-000-R TRIPPLITE-U209-000-R Datasheet
524Kb / 3P
USB to Serial Adapter Cable (A-M to DB9-M)
U209000R TRIPPLITE-U209000R Datasheet
524Kb / 2P
USB to Serial Adapter Cable (USB-A to DB9 M-M), 5-ft
P456006 TRIPPLITE-P456006 Datasheet
505Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F-M), 6-ft
U209-005-C TRIPPLITE-U209-005-C Datasheet
518Kb / 2P
USB-C to DB9 Serial Adapter Cable (M/M), 5 ft.
logo
Future Technology Devic...
UT232R-500 FTDI-UT232R-500 Datasheet
495Kb / 24P
USB to RS232 Adapter cable
logo
Tripp Lite. All Rights ...
P456-006 TRIPPLITE-P456-006 Datasheet
165Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F/M), 6-ft.
USA-19HS TRIPPLITE-USA-19HS Datasheet
165Kb / 2P
USB-A to Serial DB9 RS232 Adapter Cable - 3 ft. Keyspan, High-Speed (M/M), TAA
logo
Coolgear Inc.
USBG-COM-X COOLGEAR-USBG-COM-X Datasheet
125Kb / 2P
USB to Industrial 5Volt RS232 Serial Adapter FTDI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com