Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232PRO Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ICUSB232PRO
Description  1 ft USB to RS232 Serial DB9 Adapter Cable with COM Retention
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB232PRO Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ICUSB232PRO Datasheet HTML 1Page - StarTech.com Ltd. ICUSB232PRO Datasheet HTML 2Page - StarTech.com Ltd. ICUSB232PRO Datasheet HTML 3Page - StarTech.com Ltd. ICUSB232PRO Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
• USB to Straight-Through RS232 Serial Adapter
• COM Port assignments maintained across reboot
• Supports data transfer rates of up to 920kpbs
• Powered by an available USB port - no external power adapter required
• Provides dual buffers for upstream and downstream data transfer
• Supports remote wake up and power management control
• Supports automatic handshake mode
Hardware
Warranty
2 Years
Ports
1
Interface
Serial
Bus Type
USB 2.0
Port Style
Cable Adapters
Chipset ID
Prolific - PL2303
Performance
Serial Protocol
RS-232
Max Baud Rate
921.6 Kbps
Connector(s)
Connector Type(s)
DB-9 (9 pin, D-Sub)
USB Type-A (4 pin) USB 2.0
Software
OS Compatibility
Windows PocketPC 2003 / 2000, Windows Mobile 5/6, CE 4.2/5.2,
Embedded System 2009, XP Embedded, POS Ready 2009, 98SE,
2000, ME, XP, Vista, 7, 8, 8.1, 10
Windows Server 2003, 2008 R2, 2012, 2016, 2019
macOS 10.6 to 10.15, 11.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com