Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232V2 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # ICUSB232V2
Description  1 Port USB to RS232 DB9 Serial Adapter Cable - M/M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB232V2 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  ICUSB232V2 Datasheet HTML 1Page - StarTech.com Ltd. ICUSB232V2 Datasheet HTML 2Page - StarTech.com Ltd. ICUSB232V2 Datasheet HTML 3Page - StarTech.com Ltd. ICUSB232V2 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Connector B
DB-9 (9 pin, D-Sub)
Software
OS Compatibility
Windows 2000, XP, Vista, 7, 8, 8.1, 10
Windows Server 2003, 2008 R2, 2012, 2012 R2, 2016, 2019
macOS 9.x, 8.x, 10.6 to 10.15, 11.0
Linux 2.4.31 to 4.11.x <i>LTS Versions Only</i>
Microsoft WHQL Certified Yes
Special Notes /
Requirements
System and Cable
Requirements
One available USB 1.1 (or above) port
Environmental
Operating Temperature
0C to 60C (32F to 140F)
Storage Temperature
-20C to 80C (-4F to 176F)
Humidity
0~65% RH
Physical
Characteristics
Color
Black
Material
Plastic
Product Length
16.9 in [43.0 cm]
Product Width
1.4 in [35.0 mm]
Product Height
0.8 in [20.0 mm]
Weight of Product
1.4 oz [40.0 g]
Packaging
Information
Package Length
8.7 in [22.0 cm]
Package Width
7.9 in [20.0 cm]
Package Height
0.8 in [21.0 mm]
Shipping (Package)
Weight
2.0 oz [56.0 g]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com