Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232V2 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ICUSB232V2
Description  1 Port USB to RS232 DB9 Serial Adapter Cable - M/M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB232V2 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ICUSB232V2 Datasheet HTML 1Page - StarTech.com Ltd. ICUSB232V2 Datasheet HTML 2Page - StarTech.com Ltd. ICUSB232V2 Datasheet HTML 3Page - StarTech.com Ltd. ICUSB232V2 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• USB to Straight-Through RS232 DB9 Serial Adapter
• High-speed 921.6Kbps Baud Rate
• Compatible with Windows 8 and later, Mac OS, and Linux
• Compatible with USB 1.1 or higher ports
• USB-powered - no external power adapter required
• Single cable, small footprint design for portability
Hardware
Warranty
3 Years
Ports
1
Interface
Serial
Bus Type
USB 2.0
Port Style
Cable Adapters
Industry Standards
USB 1.1/2.0
RS232
Chipset ID
Prolific - PL2303RA
Performance
Serial Protocol
RS-232
Max Baud Rate
921.6 Kbps
Data Bits
5, 6, 7, 8
FIFO
512 Bytes
Flow Control
None, Xon/Xoff, RTS/CTS, DTR/DSR
Parity
Odd, Even, Mark, Space, or None Parity Modes
Stop Bits
1, 1.5, 2
MTBF
30,000 Hours
Connector(s)
Connector A
USB Type-A (4 pin) USB 2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com